Electronic Components Datasheet Search
  English  ▼

X  

MPQ5850 Datasheet(PDF) 10 Page - MPS Industries, Inc.

Part # MPQ5850
Description  36V, Smart Diode Controller with Reverse Protection,AEC-Q100 Qualified
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MPQ5850 Datasheet(HTML) 10 Page - MPS Industries, Inc.

Back Button MPQ5850 Datasheet HTML 6Page - MPS Industries, Inc. MPQ5850 Datasheet HTML 7Page - MPS Industries, Inc. MPQ5850 Datasheet HTML 8Page - MPS Industries, Inc. MPQ5850 Datasheet HTML 9Page - MPS Industries, Inc. MPQ5850 Datasheet HTML 10Page - MPS Industries, Inc. MPQ5850 Datasheet HTML 11Page - MPS Industries, Inc. MPQ5850 Datasheet HTML 12Page - MPS Industries, Inc. MPQ5850 Datasheet HTML 13Page - MPS Industries, Inc. MPQ5850 Datasheet HTML 14Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
MPQ5850
– 36V, SMART DIODE CONTROLLER W/ REVERSE PROTECTION, AEC-Q100
MPQ5850 Rev. 1.1
MonolithicPower.com
10
2/9/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = 12V, IOUT = 5A, L = 68µH, TA = 25°C, unless otherwise noted.
0
100
200
300
400
500
2
3
4
5
6
7
8
9
10
C
GATE-SOURCE (nF)
Gate Rising Time vs. Gate
Capacitance
VGATE-SOURCE=5V
VGATE-SOURCE=10V
0
20
40
60
80
100
120
2
3
4
5
6
7
8
9
10
C
GATE-SOURCE (nF)
Gate Falling Time vs. Gate
Capacitance
VGATE-SOURCE=5V
VGATE-SOURCE=10V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com