Electronic Components Datasheet Search
  English  ▼

X  

MPQ5850 Datasheet(PDF) 22 Page - MPS Industries, Inc.

Part # MPQ5850
Description  36V, Smart Diode Controller with Reverse Protection,AEC-Q100 Qualified
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MPQ5850 Datasheet(HTML) 22 Page - MPS Industries, Inc.

Back Button MPQ5850 Datasheet HTML 18Page - MPS Industries, Inc. MPQ5850 Datasheet HTML 19Page - MPS Industries, Inc. MPQ5850 Datasheet HTML 20Page - MPS Industries, Inc. MPQ5850 Datasheet HTML 21Page - MPS Industries, Inc. MPQ5850 Datasheet HTML 22Page - MPS Industries, Inc. MPQ5850 Datasheet HTML 23Page - MPS Industries, Inc. MPQ5850 Datasheet HTML 24Page - MPS Industries, Inc. MPQ5850 Datasheet HTML 25Page - MPS Industries, Inc. MPQ5850 Datasheet HTML 26Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 29 page
background image
MPQ5850
– 36V, SMART DIODE CONTROLLER W/ REVERSE PROTECTION, AEC-Q100
MPQ5850 Rev. 1.1
MonolithicPower.com
22
2/9/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
OPERATION
The MPQ5850 is an 8-pin smart diode controller
that drives an external N-channel MOSFET to
minimize power loss, including DC forward loss
and AC rectification loss.
Smart Diode Operation
During normal operation, when VSOURCE > VDRAIN,
the MPQ5850 modulates the gate of the external
N-channel MOSFET to regulate the source-to-
drain voltage to about 20mV. This minimizes
power loss and allows small negative currents to
be easily detected.
Generally,
the
source-to-drain
voltage
is
regulated to about 20mV. When the load current
rises, the GATE voltage rises until the MOSFET
is fully on. If the load current drops, the GATE
amplifier drives the MOSFET
’s gate lower to
maintain a 20mV drop.
If the drain-to-source voltage exceeds 20mV, a
large current
modifies the GATE pin’s voltage to
regulate
the
drain-to-source
voltage.
If
a
negative current flows through the external N-
channel MOSFET, the device detects a source-
to-drain negative voltage drop. If the drop
exceeds -4mV, the MPQ5850 pulls down the
GATE pin to turn off the external N-channel
MOSFET quickly. If a forward current flows
through the external N-channel MOSFET (either
the body or channel), the device detects a
source-to-drain forward voltage drop. If the drop
exceeds 75mV, the MPQ5850 pulls up the GATE
pin to quickly turn on the external N-channel
MOSFET.
This
allows
high-frequency
AC
waveforms (up to 100kHz) to be rectified with
minimal system and N-channel MOSFET power
loss.
Boost Converter
The integrated boost converter uses fixed peak
current mode control. When the reservoir floating
supply is below 12V, the boost converter
requests another turn-on pulse. This pulse
terminates when the inductor current reaches
220mA.
The inductor current should reach 0mA before
the next on cycle begins. This sets a maximum
frequency (fMAX) depending on VDRAIN. fMAX can be
calculated with Equation (1):
MAX
ON
OFF
1
f
tt
=
+
(1)
Where tON is the on time and tOFF is the off time.
tON can be estimated with Equation (2):
PEAK
ON
PEAK
DRAIN
SW
IL
t
I
VR
2
=
−
(2)
tOFF can be calculated with Equation (3):
PEAK
OFF
RES
DIODE
IL
t
VV
=
+
(3)
Start-Up and Low-Voltage Operation
The MPQ5850 starts in the off state. In this state,
the gate is passively pulled to SOURCE, and the
boost
converter
is
disabled.
Once
VDRAIN
exceeds the under-voltage lockout (UVLO)
threshold, the device enters the disabled state.
The device is enabled when it enters a logic high
state. In the disabled state, the gate is passively
pulled to source, the boost converter is disabled,
and the PG pin is pulled low. Once the EN/UVLO
pin is pulled high, the device enters the start-up
state, which causes the boost converter to turn
on. When the reservoir capacitor exceeds the
reservoir UVLO threshold, normal operation
begins. During normal operation, the gate is
actively modulated based on VSOURCE and VDRAIN,
and the PG pin is high when the source-to-drain
voltage is regulated.
The DRAIN pin is the power supply of the
internal circuitry. DRAIN
also controls the
MOSFET’s gate voltage. If VDRAIN exceeds its
UVLO threshold, then the MPQ5850 operates
normally, even in cold-crank conditions down to
0V. A large electrolytic output capacitor is
required under these conditions.
If VDRAIN drops below the UVLO threshold, the
device pulls down the GATE pin to SOURCE
until the voltage on the reservoir capacitor
discharges below VRES_UVLO. This allows the
device to minimize forward voltage drops during
temporary low voltage transients, such as under
cold-crank conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com