Electronic Components Datasheet Search
  English  ▼

X  

MPQ5850 Datasheet(PDF) 12 Page - MPS Industries, Inc.

Part # MPQ5850
Description  36V, Smart Diode Controller with Reverse Protection,AEC-Q100 Qualified
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MPQ5850 Datasheet(HTML) 12 Page - MPS Industries, Inc.

Back Button MPQ5850 Datasheet HTML 8Page - MPS Industries, Inc. MPQ5850 Datasheet HTML 9Page - MPS Industries, Inc. MPQ5850 Datasheet HTML 10Page - MPS Industries, Inc. MPQ5850 Datasheet HTML 11Page - MPS Industries, Inc. MPQ5850 Datasheet HTML 12Page - MPS Industries, Inc. MPQ5850 Datasheet HTML 13Page - MPS Industries, Inc. MPQ5850 Datasheet HTML 14Page - MPS Industries, Inc. MPQ5850 Datasheet HTML 15Page - MPS Industries, Inc. MPQ5850 Datasheet HTML 16Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
MPQ5850
– 36V, SMART DIODE CONTROLLER W/ REVERSE PROTECTION, AEC-Q100
MPQ5850 Rev. 1.1
MonolithicPower.com
12
2/9/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VIN = 12V, IOUT = 5A, L = 68µH, COUT = 470uF, TA = 25°C, unless otherwise noted. (7)
CISPR25 Class 5 Peak Radiated
Emissions
Vertical, 30MHz to 200MHz
CISPR25 Class 5 Average Radiated
Emissions
Vertical, 30MHz to 200MHz
CISPR25 Class 5 Peak Radiated
Emissions
Horizontal, 200MHz to 1GHz
CISPR25 Class 5 Average Radiated
Emissions
Horizontal, 200MHz to 1GHz
CISPR25 Class 5 Peak Radiated
Emissions
Vertical, 200MHz to 1GHz
CISPR25 Class 5 Average Radiated
Emissions
Vertical, 200MHz to 1GHz
Note:
7) The EMC test results are based on the application circuit, and tested on the EVQ5850-J-00A (see Figure 4 on page 26).
-5
0
5
10
15
20
25
30
35
40
45
50
55
30
40
50
60
70
80
90
100
110
120
130
140
150
160
170
180
190
200
Frequency (MHz)
CISPR25 CLASS 5 LIMITS
PK NOISE FLOOR
VERTICAL POLARIZATION
-5
0
5
10
15
20
25
30
35
40
45
50
55
30
40
50
60
70
80
90
100
110
120
130
140
150
160
170
180
190
200
Frequency (MHz)
CISPR25 CLASS 5 LIMITS
AVG NOISE FLOOR
VERTICAL POLARIZATION
-5
0
5
10
15
20
25
30
35
40
45
50
55
200
300
400
500
600
700
800
900
1000
Frequency (MHz)
CISPR25 CLASS 5 LIMITS
PK NOISE FLOOR
HORIZONTAL POLARIZATION
-5
0
5
10
15
20
25
30
35
40
45
50
55
200
300
400
500
600
700
800
900
1000
Frequency (MHz)
CISPR25 CLASS 5 LIMITS
AVG NOISE FLOOR
HORIZONTAL POLARIZATION
-5
0
5
10
15
20
25
30
35
40
45
50
55
200
300
400
500
600
700
800
900
1000
Frequency (MHz)
CISPR25 CLASS 5 LIMITS
PK NOISE FLOOR
VERTICAL POLARIZATION
-5
0
5
10
15
20
25
30
35
40
45
50
55
200
300
400
500
600
700
800
900
1000
Frequency (MHz)
CISPR25 CLASS 5 LIMITS
AVG NOISE FLOOR
VERTICAL POLARIZATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com