Electronic Components Datasheet Search
  English  ▼

X  

MPQ5850 Datasheet(PDF) 5 Page - MPS Industries, Inc.

Part # MPQ5850
Description  36V, Smart Diode Controller with Reverse Protection,AEC-Q100 Qualified
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MPQ5850 Datasheet(HTML) 5 Page - MPS Industries, Inc.

  MPQ5850 Datasheet HTML 1Page - MPS Industries, Inc. MPQ5850 Datasheet HTML 2Page - MPS Industries, Inc. MPQ5850 Datasheet HTML 3Page - MPS Industries, Inc. MPQ5850 Datasheet HTML 4Page - MPS Industries, Inc. MPQ5850 Datasheet HTML 5Page - MPS Industries, Inc. MPQ5850 Datasheet HTML 6Page - MPS Industries, Inc. MPQ5850 Datasheet HTML 7Page - MPS Industries, Inc. MPQ5850 Datasheet HTML 8Page - MPS Industries, Inc. MPQ5850 Datasheet HTML 9Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
MPQ5850
– 36V, SMART DIODE CONTROLLER W/ REVERSE PROTECTION, AEC-Q100
MPQ5850 Rev. 1.1
MonolithicPower.com
5
2/9/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VSOURCE = VEN/UVLO = 12V, VRES = 22V, TJ = -40°C to +150°C, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Input Voltage
Drain voltage at start-up
VDRAIN_UVLO
2.8
3.2
V
Drain voltage UVLO
falling
VDRAIN_UVLO_F
2.4
2.6
2.8
V
Reservoir UVLO rising
VRES_UVLO
8
11
13
V
Reservoir UVLO
hysteresis
VRES_UVLO_HYS
0.2
V
Quiescent current
ISHDN
VEN = 0V, TJ = 25°C
4
10
μA
VEN = 0V, TJ = -40°C to +150°C
20
μA
IQ
VEN = 2V, in regulation, system
input current, TJ = 25°C
30
50
μA
VEN = 2V, in regulation, system
input current,
TJ = -40°C to +125°C (6)
100
μA
VEN = 2V, in regulation, system
input current,
TJ = 125°C to 150°C
200
μA
Rectifier
Source to drain
regulation voltage
VSD
10
20
30
mV
Source to drain fast pull-
up threshold
VSD_FPU
50
75
100
mV
Source to drain fast pull-
down threshold
VSD_FPD
-15
-4
0
mV
Drain current
ID
Gate driver in regulation
50
μA
Source current
IS_R
VSOURCE = -36V
-1
mA
Fast pull up current
IFPU
VGATE-RES = -7V
170
mA
Fast pull down current
IFPD
VGATE-SOURCE = 5V
430
mA
Reverse biased gate-
source voltage
VGS_RB
VSOURCE = -5V, IGATE = 1mA
0.01
0.3
V
VSOURCE = -36V, IGATE = 1mA
0.01
0.3
V
Gate turn-on delay time
tON
Step (VSOURCE - VDRAIN) from
-100mV to +3V, VRES-DRAIN = 13V,
CGATE-SOURCE = 10nF
1.2
2
μs
Gate turn-off delay time
tOFF
Step (VSOURCE - VDRAIN) from 3V to
-100mV, VRES-DRAIN = 13V,
CGATE-SOURCE = 10nF
1
2
μs
Gate rising time
tRISING (6)
Step (VSOURCE - VDRAIN) from
-100mV to +3V, VRES-DRAIN = 13V,
CGATE-SOURCE = 10nF
300
ns
Gate falling time
tFALLING (6)
Step (VSOURCE - VDRAIN) from 3V to
-100mV, VRES-DRAIN = 13V, CGATE-
SOURCE
= 10nF
100
ns
Maximum rectification
frequency (6)
fMAX
VPP = 6V, CGATE-SOURCE = 15nF
50
kHz
VPP = 2V, CGATE-SOURCE = 15nF
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com