Electronic Components Datasheet Search
  English  ▼

X  

UC1682THCZ Datasheet(PDF) 27 Page - List of Unclassifed Manufacturers

Part # UC1682THCZ
Description  HIGH-VOLTAGE MIXED-SIGNAL IC
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

UC1682THCZ Datasheet(HTML) 27 Page - List of Unclassifed Manufacturers

Back Button UC1682THCZ Datasheet HTML 23Page - List of Unclassifed Manufacturers UC1682THCZ Datasheet HTML 24Page - List of Unclassifed Manufacturers UC1682THCZ Datasheet HTML 25Page - List of Unclassifed Manufacturers UC1682THCZ Datasheet HTML 26Page - List of Unclassifed Manufacturers UC1682THCZ Datasheet HTML 27Page - List of Unclassifed Manufacturers UC1682THCZ Datasheet HTML 28Page - List of Unclassifed Manufacturers UC1682THCZ Datasheet HTML 29Page - List of Unclassifed Manufacturers UC1682THCZ Datasheet HTML 30Page - List of Unclassifed Manufacturers UC1682THCZ Datasheet HTML 31Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 70 page
background image
UC1682
80x104RGB CSTN Controller-Driver
Revision 0.6
25
(33) SET WINDOW PROGRAM STARTING ROW ADDRESS
Action
C/D W/R D7 D6 D5 D4 D3 D2 D1 D0
00
111
1010
1
Set WPP0
(Double byte command)
WPP0 register parameter
This command is to program the starting row address of RAM program window.
(34) SET WINDOW PROGRAM ENDING COLUMN ADDRESS
Action
C/D W/R D7 D6 D5 D4 D3 D2 D1 D0
00
111
1011
0
Set WPC1
(Double byte command)
WPC1[7:0] register parameter
This command is to program the ending column address of RAM program window.
(35) SET WINDOW PROGRAM ENDING ROW ADDRESS
Action
C/D W/R D7 D6 D5 D4 D3 D2 D1 D0
00
111
1011
1
Set WPP1
(Double byte command)
WPP1 register parameter
This command is to program the ending row address of RAM program window.
(36) SET WINDOW PROGRAM ENABLE
Action
C/D W/R D7 D6 D5 D4 D3 D2 D1 D0
Set Window Program Enable AC[4]
0
0
111
1100
AC4
This command is to enable the Window Program Function. Window Program Enable should always be reset
when changing the window program boundary and then set right before starting the new boundary program.
Window Program Function can be used to refresh the RAM data in a specified window of SRAM address.
When window programming is enabled, the CA and RA increment and wrap around will be automatically
adjusted, and therefore allow effective data update within the window.
The direction of Window Program will depend on the WA (AC[0]), RID (AC[2]), auto-increment order (AC[1])
and MX (LC[1]) register setting. WA decides whether the program RAM address advances to next
row/column after reaching the specified window column / row boundary. RID controls the RAM address
incrementing from WPP0 toward WPP1 (RID=0) or reverse the direction (RID=1). Auto-increment order
directs the RAM address increment vertically (AC[1]=1) or horizontally (AC[1]=0). MX results the RAM
column address incrementing from 103-WPC0 to 103-WPC1 (MX=1) or WPC0 to WPC1 (MX=0).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com