Electronic Components Datasheet Search
  English  ▼

X  

UC1682THCZ Datasheet(PDF) 38 Page - List of Unclassifed Manufacturers

Part # UC1682THCZ
Description  HIGH-VOLTAGE MIXED-SIGNAL IC
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

UC1682THCZ Datasheet(HTML) 38 Page - List of Unclassifed Manufacturers

Back Button UC1682THCZ Datasheet HTML 34Page - List of Unclassifed Manufacturers UC1682THCZ Datasheet HTML 35Page - List of Unclassifed Manufacturers UC1682THCZ Datasheet HTML 36Page - List of Unclassifed Manufacturers UC1682THCZ Datasheet HTML 37Page - List of Unclassifed Manufacturers UC1682THCZ Datasheet HTML 38Page - List of Unclassifed Manufacturers UC1682THCZ Datasheet HTML 39Page - List of Unclassifed Manufacturers UC1682THCZ Datasheet HTML 40Page - List of Unclassifed Manufacturers UC1682THCZ Datasheet HTML 41Page - List of Unclassifed Manufacturers UC1682THCZ Datasheet HTML 42Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 70 page
background image
ULTRACHIP
High-Voltage Mixed-Signal IC
© 1999 ~ 2003
36
ES Specifications
LLSB
DL
DL+K
CMSB
CLSB
Dummy
DC
DC+1
MMSB
MLSB
L
L+K
L+K+1
C
C+1
C+2
C+3
M
DL
DL+K
Dummy
DC
DC+1
DC+2
External
CD
___
WR
__
RD
D[7:0]
Internal
Write
Read
Data
Latch
Column
Address
FIGURE 6: 8 bit Parallel Interface & Related Internal Signals
SERIAL INTERFACE
UC1682 supports three serial modes, one 4-wire
SPI mode (S8), one compact 3/4-wire mode (S8uc)
and one 3-wire SPI mode (S9). Bus interface mode
is determined by the wiring of the BM[1:0] and
D[7:6]. See table in last page for more detail.
S8 (4-WIRE) INTERFACE
Only write operations are supported in 4-wire serial
mode. Pin CS[1:0] are used for chip select and bus
cycle reset. Pin CD is used to determine the
content of the data been transferred. During each
write cycle, 8 bits of data, MSB first, are latched on
eight rising SCK edges into an 8-bit data holder.
If CD=0, the data byte will be decoded as
command. If CD=1, this 8-bit will be treated as data
and transferred to proper address in the Display
Data RAM on the rising edge of the last SCK pulse.
Pin CD is examined when SCK is pulled low for the
LSB (D0) of each token.
CS0
SDA
SCK
CD
D7
D6
D5
D4
D3
D2
D1
D0
D7
D6
D5
FIGURE 7.a: 4-wire Serial Interface (S8)
CS0
SDA
SCK
CD
D7
D6
D5
D4
D3
D2
D1
D0
D7
D6
D5
FIGURE 7.b: 3/4-wire Serial Interface (S8uc)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com