Electronic Components Datasheet Search
  English  ▼

X  

ES9820 Datasheet(PDF) 16 Page - ESS Technology,Inc

Part # ES9820
Description  32-bit High-Performance 2-Channel ADC
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9820 Datasheet(HTML) 16 Page - ESS Technology,Inc

Back Button ES9820 Datasheet HTML 12Page - ESS Technology,Inc ES9820 Datasheet HTML 13Page - ESS Technology,Inc ES9820 Datasheet HTML 14Page - ESS Technology,Inc ES9820 Datasheet HTML 15Page - ESS Technology,Inc ES9820 Datasheet HTML 16Page - ESS Technology,Inc ES9820 Datasheet HTML 17Page - ESS Technology,Inc ES9820 Datasheet HTML 18Page - ESS Technology,Inc ES9820 Datasheet HTML 19Page - ESS Technology,Inc ES9820 Datasheet HTML 20Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 117 page
background image
CONFIDENTIAL ADVANCE INFORMATION 0.3
ES9820 Product Datasheet
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 WWW.ESSTECH.COM
16
Minimum Phase Fast Roll-off
Parameter
Conditions
MIN
TYP
MAX
UNIT
Pass band
–3dB
0.49 x fs
Hz
Stop band
-96dB
0.54 x fs
Hz
Group Delay
3.25/fs
s
Flatness (ripple)
±0.6814
dB
Minimum Phase Slow Roll-off
Parameter
Conditions
MIN
TYP
MAX
UNIT
Pass band
–3dB
0.48 x fs
Hz
Stop band
-83dB
0.81 x fs
Hz
Group Delay
2.12/fs
2.34/fs
s
Flatness (ripple)
±0.0036
dB
Minimum Phase Slow Roll-off Low Dispersion
Parameter
Conditions
MIN
TYP
MAX
UNIT
Pass band
–3dB
0.48 x fs
Hz
Stop band
-83dB
0.81 x fs
Hz
Group Delay
12/fs
s
Flatness (ripple)
±0.005
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com