Electronic Components Datasheet Search
  English  ▼

X  

ES9820 Datasheet(PDF) 9 Page - ESS Technology,Inc

Part # ES9820
Description  32-bit High-Performance 2-Channel ADC
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9820 Datasheet(HTML) 9 Page - ESS Technology,Inc

Back Button ES9820 Datasheet HTML 5Page - ESS Technology,Inc ES9820 Datasheet HTML 6Page - ESS Technology,Inc ES9820 Datasheet HTML 7Page - ESS Technology,Inc ES9820 Datasheet HTML 8Page - ESS Technology,Inc ES9820 Datasheet HTML 9Page - ESS Technology,Inc ES9820 Datasheet HTML 10Page - ESS Technology,Inc ES9820 Datasheet HTML 11Page - ESS Technology,Inc ES9820 Datasheet HTML 12Page - ESS Technology,Inc ES9820 Datasheet HTML 13Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 117 page
background image
•
CONFIDENTIAL ADVANCE INFORMATION 0.3
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 WWW.ESSTECH.COM
9
ES9820 Product Datasheet
Digital Features
Digital Signal Path
SABRE ADC DIGITAL PATH (2 CHANNEL)
-32
6
Distortion
Compensation
DC
Block
IIR
128xFS
IIR
8xFS
DFIR
1xFS
ASP
FORMATTING
TDM/I2S/
DSD/SPDIF
VOLUME
CONTROL
x1, x2, x4
GAIN
CLIP
DETECTION
32
32
32
32
32
32
32
ADC
DATA
I2S Decoder
Programmable Delay
Figure 3 - Digital Signal Path
THD Compensation 3
THD Compensation minimizes the non-linearities of the ADCs. The ES9820 can help compensate for system second and third harmonic distortion.
THD compensation can be enabled or bypassed by setting ADCx_ENABLE_THD_COMP for each channel
THD Compensation Enable Registers
•
Register 102 [0]: ADC1_ENABLE_THD_COMP
•
Register 119 [0]: ADC2_ENABLE_THD_COMP
•
Register 136 [0]: ADC3_ENABLE_THD_COMP
•
Register 153 [0]: ADC4_ENABLE_THD_COMP
For best results, compensation coefficients should be tuned for each device in-situ.
DC Block
The ES9842 has a built in DC blocking filter. Please ask for an application note that is available showing an improved filter using the built in ASPs.
Audio Signal Processor (ASP) 4
The ES9820 includes 2 stereo audio signal processors (ASP) which can be used to implement both custom filter coefficients as well as custom filter
architectures. This feature may also be used to implement a programmable equalizer (PEQ) and other applications.
See Error! Reference source not found. diagram for location in the data path.
ASP Registers:
•
Registers 35-58
3
For more information on using THD Compensation, please reference the THD Compensation Application Note. Available from your local FAE upon
request.
4
For help with designing with the ASP, please reference the ASP GUIDE Application Note. Available from your local FAE upon request.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com