Electronic Components Datasheet Search
  English  ▼

X  

ES9820 Datasheet(PDF) 10 Page - ESS Technology,Inc

Part # ES9820
Description  32-bit High-Performance 2-Channel ADC
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9820 Datasheet(HTML) 10 Page - ESS Technology,Inc

Back Button ES9820 Datasheet HTML 6Page - ESS Technology,Inc ES9820 Datasheet HTML 7Page - ESS Technology,Inc ES9820 Datasheet HTML 8Page - ESS Technology,Inc ES9820 Datasheet HTML 9Page - ESS Technology,Inc ES9820 Datasheet HTML 10Page - ESS Technology,Inc ES9820 Datasheet HTML 11Page - ESS Technology,Inc ES9820 Datasheet HTML 12Page - ESS Technology,Inc ES9820 Datasheet HTML 13Page - ESS Technology,Inc ES9820 Datasheet HTML 14Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 117 page
background image
CONFIDENTIAL ADVANCE INFORMATION 0.3
ES9820 Product Datasheet
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 WWW.ESSTECH.COM
10
I2S decoder and Programmable Delay
The ES9820 has a build in I2S decoder that can be mixed with the ASP. A programmable delay is also included to help with phase correction when
mixing.
I2S Decoder Configuration Registers:
•
Registers 59-60: I2S DECODER CONFIG
Programmable Delay Registers:
•
Register 62-61 [9]: ENABLE_CLK_DL
•
Registers 62-61 [8:0]: PROG_DELAY_LINE
Configuration pins for I2S decoder:
•
GPIO 1: BCK
•
GPIO 2: WS
•
GPIO 5: DATA (would be configured as an AUX Input through the GPIO configuration)
Mixing is accomplished using the ASP registers expanded on under the Audio Signal Processor (ASP) section.
Clip Detection
If the peak level of the ES9820 device’s input audio stream rises above the programmed ADC#_CLIP_LEVEL value, the corresponding clip flag will
be set. The clip flag will stay set until it is cleared with INTERRUPT_CLEAR_CH#_CLIP_DETECTION. Any of the GPIO pins can be configured to
output the state of any of the clip flags if INTERRUPT_MASK_CH#_CLIP_ DETECTION is set for the corresponding channel.
Clipping Level Registers:
•
Register 106: ADC CH1 PEAK DETECTOR LEVEL
•
Register 123: ADC CH2 PEAK DETECTOR LEVEL
Clipping Interrupt Clear Registers:
•
Register 27 [5]: INTERRUPT_CLEAR_CH2_CLIP_DETECTION
•
Register 27 [4]: INTERRUPT_CLEAR_CH1_CLIP_DETECTION
Clipping Interrupt Mask Registers
•
Register 27 [1]: INTERRUPT_MASK_CH2_CLIP_DETECTION
•
Register 27 [0]: INTERRUPT_MASK_CH1_CLIP_DETECTION
The GPIO READBACK register values 4’d4 – 4’d5 output the clip interrupt state for CH1 & CH2, respectively. The corresponding channel bit in
Register 27[3:0] INTERRUPT_CLEAR_CH#_CLIP_DETECTION needs to be set for the GPIO to output the flag value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com