Electronic Components Datasheet Search
  English  ▼

X  

ES9820 Datasheet(PDF) 36 Page - ESS Technology,Inc

Part # ES9820
Description  32-bit High-Performance 2-Channel ADC
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9820 Datasheet(HTML) 36 Page - ESS Technology,Inc

Back Button ES9820 Datasheet HTML 32Page - ESS Technology,Inc ES9820 Datasheet HTML 33Page - ESS Technology,Inc ES9820 Datasheet HTML 34Page - ESS Technology,Inc ES9820 Datasheet HTML 35Page - ESS Technology,Inc ES9820 Datasheet HTML 36Page - ESS Technology,Inc ES9820 Datasheet HTML 37Page - ESS Technology,Inc ES9820 Datasheet HTML 38Page - ESS Technology,Inc ES9820 Datasheet HTML 39Page - ESS Technology,Inc ES9820 Datasheet HTML 40Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 117 page
background image
CONFIDENTIAL ADVANCE INFORMATION 0.3
ES9820 Product Datasheet
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 WWW.ESSTECH.COM
36
Power Consumption
Test Conditions (unless otherwise noted)
TA = 25oC, AVCC = AVCCL = AVCCR = AVDD = +3.3V, fs = 48kHz, MCLK = 49.152MHz, I2S output, with -1dBFS input signal
MCLK of 49.152Mhz will work for all sample rates
Parameter
Min
Typ
Max
Unit
Supply Current during
48kHz 2ch mode
AVCC
11
mA
AVDD
13.2
mA
Standby
AVCC
3
uA
AVDD
0.02
uA
Table 20 - 49.152Mhz MCLK Power Consumption
Test Conditions (unless otherwise noted)
TA = 25oC, AVCC = AVCCL = AVCCR = AVDD = +3.3V, fs = 48kHz, MCLK = 24.576MHz, I2S output, with -1dBFS input signal
MCLK of 24.576Mhz will work for sample rates up to 192kHz
Parameter
Min
Typ
Max
Unit
Supply Current during
48kHz 2ch mode
AVCC
10.9
mA
AVDD
11.1
mA
Standby
AVCC
3
uA
AVDD
0.02
uA
Table 21 - 24.576Mhz MCLK Power Consumption



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com