Electronic Components Datasheet Search
  English  ▼

X  

ES9820 Datasheet(PDF) 31 Page - ESS Technology,Inc

Part # ES9820
Description  32-bit High-Performance 2-Channel ADC
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9820 Datasheet(HTML) 31 Page - ESS Technology,Inc

Back Button ES9820 Datasheet HTML 27Page - ESS Technology,Inc ES9820 Datasheet HTML 28Page - ESS Technology,Inc ES9820 Datasheet HTML 29Page - ESS Technology,Inc ES9820 Datasheet HTML 30Page - ESS Technology,Inc ES9820 Datasheet HTML 31Page - ESS Technology,Inc ES9820 Datasheet HTML 32Page - ESS Technology,Inc ES9820 Datasheet HTML 33Page - ESS Technology,Inc ES9820 Datasheet HTML 34Page - ESS Technology,Inc ES9820 Datasheet HTML 35Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 117 page
background image
•
CONFIDENTIAL ADVANCE INFORMATION 0.3
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 WWW.ESSTECH.COM
31
ES9820 Product Datasheet
Digital Audio Output Port
Pins are configured in Master (AUX Output) or Slave (Aux Input) modes through GPIO Configurations.
PCM Pin Connections
See Audio Interface Timing (I2S) for timing criteria. Can select GPIO 4-6 for the datapath.
Pin Name
Function
Description
GPIO1
I2S BCLK
I2S clock (Master or Slave)
GPIO2
I2S WS
I2S WS (Master or Slave)
GPIO3
I2S DATA
I2S DATA out (selectable for 2 channels)
Table 12 - PCM Pin Connections
TDM Pin Connections
See Registers 7-15 for configuration, Can select GPIO 4-6 for the datapath.
Pin Name
Function
Description
GPIO1
TDM BCK
TDM clock (Master or Slave)
GPIO2
TDM WS
TDM WS (Master or Slave)
GPIO3
TDM DATA
TDM DATA out (default)
Table 13 - TDM Pin Connections
DSD Pin Connections
DSD requires 1 pin per ADC channel, any channel can be mapped to any of the GPIOs (GPIO3-6). See registers 6,7,19 for configuration
Pin Name
Function
Description
GPIO1
DSD Clock
DSD Bit Clock (Master or Slave)
GPIO3
DSD DATA out
DSD data mapped to selected channel (Channel 1 default)
GPIO4
DSD DATA out
DSD data mapped to selected channel (Channel 2 default)
Table 14 - DSD Pin Connections
S/PDIF Pin Connections
S/PDIF Output is provided on GPIOs. Use GPIOx_CFG for S/PDIF output.
Pin Name
Description
GPIOx
GPIOx_CFG setting for GPIO of 4’d8 (S/PDIF output)
Table 15 - S/PDIF Pin Connections



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com