Electronic Components Datasheet Search
  English  ▼

X  

ES9820 Datasheet(PDF) 8 Page - ESS Technology,Inc

Part # ES9820
Description  32-bit High-Performance 2-Channel ADC
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9820 Datasheet(HTML) 8 Page - ESS Technology,Inc

Back Button ES9820 Datasheet HTML 4Page - ESS Technology,Inc ES9820 Datasheet HTML 5Page - ESS Technology,Inc ES9820 Datasheet HTML 6Page - ESS Technology,Inc ES9820 Datasheet HTML 7Page - ESS Technology,Inc ES9820 Datasheet HTML 8Page - ESS Technology,Inc ES9820 Datasheet HTML 9Page - ESS Technology,Inc ES9820 Datasheet HTML 10Page - ESS Technology,Inc ES9820 Datasheet HTML 11Page - ESS Technology,Inc ES9820 Datasheet HTML 12Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 117 page
background image
CONFIDENTIAL ADVANCE INFORMATION 0.3
ES9820 Product Datasheet
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 WWW.ESSTECH.COM
8
40 QFN Pin List
Pin
Name
Pin Type
Reset State
Pin Description
1
GPIO10
I/O
HiZ
General I/O w/extended functions
2
GPIO11
I/O
HiZ
General I/O w/extended functions
3
MODE
I/O
HiZ
I2C or SPI Control selection
4
ACLK
AI
HiZ
Auxiliary Clock Input
5
AVCC
Power
Power
3.3V Supply
6
AGND
Ground
Ground
Analog Ground
7
XOUT
AO
HiZ
Crystal Output
8
XIN1
AI
HiZ
Crystal Input/Oscillator Input
9
VREF_L
Power
Power
Low Noise reference for on-chip regulator, left side
10
AVCC_L
Power
Power
ADC reference voltage (3.3V Supply)
11
AGND_L
Ground
Ground
Analog Ground
12
IN_P1
AI
HiZ
ADC Channel 1 differential positive (+) input
13
IN_M1
AI
HiZ
ADC Channel 1 differential negative (-) input
14
NC
-
-
No Connect
15
NC
-
-
No Connect
16
NC
-
-
No Connect
17
NC
-
-
No Connect
18
IN_M2
AI
HiZ
ADC Channel 2 differential negative (-) input
19
IN_P2
AI
HiZ
ADC Channel 2 differential positive (+) input
20
AGND_R
Ground
Ground
Analog Ground
21
AVCC_R
Power
Power
ADC reference voltage (3.3V Supply)
22
VREF_R
Power
Power
Low Noise reference for on-chip regulator, right side
23
CHIP_EN
I/O
HiZ
Active-high chip enable.
24
GPIO9
I/O
HiZ
General I/O w/extended functions, including INT (INTERRUPT)
25
MOSI/SDA
I/O
HiZ
Serial communication, MOSI(SPI), SDA(I2C), controlled by MODE
26
SCLK/SCL
I/O
HiZ
Serial Clock, SCLK (SPI), SCL (I2C), controlled by MODE
27
SS/ADDR1
I/O
HiZ
Serial communication, SS(SPI), SCL (I2C), controlled by MODE
28
MISO/ADDR2
I/O
HiZ
Serial communication, MISO(SPI), ADDR2 (I2C), controlled by MODE
29
DVDD
Power
Power
Digital Core Supply. Internally Supplied
30
AVDD
Power
Power
3.3V, I/O Supply
31
DGND
Ground
Ground
Digital Core Ground
32
GPIO8
I/O
HiZ
General I/O w/extended functions, Serial Data 8
33
GPIO7
I/O
HiZ
General I/O w/extended functions, Serial Data 7
34
GPIO6
I/O
HiZ
General I/O w/extended functions, Serial Data 6
35
GPIO5
I/O
HiZ
General I/O w/extended functions, Serial Data 5
36
GPIO4
I/O
HiZ
General I/O w/extended functions, Serial Data 4
37
GPIO3
I/O
HiZ
General I/O w/extended functions, Serial Data 3
38
GPIO2
I/O
HiZ
General I/O w/extended functions, Serial Data 2
39
GPIO1
I/O
HiZ
General I/O w/extended functions, Serial Data 1
40
RT1
I
HiZ
Reserved. Must be connected to DGND for normal operation.
41
Package Pad2 -
-
Not electrically connected, used for heat dissipation Connect to DGND.
Table 1 - 40 QFN Pin List
1
MCLK can be connected to XIN or ACLK.
2
Pin 41 is the package pad. See 40 QFN package dimensions for sizing. Connect to DGND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com