Electronic Components Datasheet Search
  English  ▼

X  

ES9820 Datasheet(PDF) 1 Page - ESS Technology,Inc

Part # ES9820
Description  32-bit High-Performance 2-Channel ADC
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9820 Datasheet(HTML) 1 Page - ESS Technology,Inc

  ES9820 Datasheet HTML 1Page - ESS Technology,Inc ES9820 Datasheet HTML 2Page - ESS Technology,Inc ES9820 Datasheet HTML 3Page - ESS Technology,Inc ES9820 Datasheet HTML 4Page - ESS Technology,Inc ES9820 Datasheet HTML 5Page - ESS Technology,Inc ES9820 Datasheet HTML 6Page - ESS Technology,Inc ES9820 Datasheet HTML 7Page - ESS Technology,Inc ES9820 Datasheet HTML 8Page - ESS Technology,Inc ES9820 Datasheet HTML 9Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 117 page
background image
Analog Reinvented
ES9820
32-bit High-Performance 2-Channel ADC
Product Datasheet
+116dB DNR 2 channel mode
+117dB DNR in mono mode
-108dB THD+N 2 channel mode
Unprecedented dynamic range and ultra-low distortion
High Sample Rates
Up to PCM 768kHz, including 1.536MHz w/Double Data rates
Up to DSD512
Audio Signal Processors (ASP)
Available for custom FIR filters for any applications, including RIAA
Multiple Output formats available
PCM, TDM, DSD, S/PDIF
Customizable filter characteristics
8 preset filters for custom sound signature
2 audio signal processors for custom filter architectures and analog/digital mixing
I2C or SPI interface control
Configured by microcontroller or used as standalone
Integrated low noise ADC reference regulators
Reduced BOM cost, PCB area and improved DNR.
Low Power Consumption
Simplifies power supply design
Low Pin Count standardized Packaging
5mm x 5mm, 40 pin QFN
Ultra-Low Noise Floor Bandwidth
200kHz bandwidth enabling higher resolution at higher sample rates
APPLICATIONS
•
Professional digital audio workstations Audio Recording
•
Very high quality microphones
•
High Quality Record Turntable to USB conversion
The Sabre ES9820 is a 2 channel 32-bit analog-to-digital (A/D) converter targeted for professional audio applications such as recording systems,
mixer consoles and digital audio workstations (DAW), test equipment, instruments, audio processors, digital turntables, and consumer applications.
The ES9820 has 2 integrated ADCs which use the ESS proprietary Hyperstream® II Architecture, which delivers unprecedented audio sound quality
and specifications, including a DNR of +117dB in mono mode and a DNR +116dB in stereo mode, THD+N of -108dB in 2 channel mode.
The SABRE ADC supports synchronous S/PDIF, I2S master/slave, or native DSD output.
The ES9820 comes in a small compact package and consumes 80mW @ 48kHz
The ES9820 can use preprogramed filter coefficients to match perfectly with the SABRE PRO Series of DACs including the ES9038PRO. These
complimentary filters allow for analog-digital-analog processing with the upmost audio fidelity and minimized time-domain smearing.
The Audio Signal Processor (ASP) integrated in the ADC allows for custom filtering such as RIAA presets to be implemented in the ADC, eliminating
the need for re-processing later in the signal path.
The ES9820 has an Ultra-Low Noise Floor Bandwidth of 200kHz. This bandwidth is up to 10 times wider than the competition, enabling higher
resolution at higher sample rates.
Feature
Description


Similar Part No. - ES9820

ManufacturerPart #DatasheetDescription
logo
ESS Technology,Inc
ES9822PRO ESS-ES9822PRO Datasheet
1Mb / 126P
32-bit High-Performance 2-Channel ADC
Oct 13, 2021
ES9822QPRO ESS-ES9822QPRO Datasheet
1Mb / 126P
32-bit High-Performance 2-Channel ADC
Oct 13, 2021
ES9826 ESS-ES9826 Datasheet
2Mb / 88P
32-bit High performance 2 Channel ADC w/PGA
VERSION 0.1.2 April, 2023
ES9826Q ESS-ES9826Q Datasheet
2Mb / 88P
32-bit High performance 2 Channel ADC w/PGA
VERSION 0.1.2 April, 2023
More results

Similar Description - ES9820

ManufacturerPart #DatasheetDescription
logo
ESS Technology,Inc
ES9016 ESS-ES9016 Datasheet
715Kb / 2P
32-bit High Performance Audio ADC
logo
Asahi Kasei Microsystem...
AK5572EN AKM-AK5572EN Datasheet
1Mb / 68P
2-Channel Differential 32-bit ?꾬걪 ADC
AK5552 AKM-AK5552 Datasheet
1Mb / 68P
2-Channel Differential 32-bit ADC
AK5572 AKM-AK5572 Datasheet
1Mb / 68P
2-Channel Differential 32-bit ADC
AK5552VN AKM-AK5552VN_16 Datasheet
1Mb / 68P
2-Channel Differential 32-bit ADC
logo
ESS Technology,Inc
ES9027PRO ESS-ES9027PRO Datasheet
1Mb / 89P
32-bit High-Performance 8-Channel DAC
November 17, 2022
ES9033 ESS-ES9033 Datasheet
1Mb / 103P
32-bit High-Performance 2-Channel DAC with Line Drivers
April 20, 2022
ES9822PRO ESS-ES9822PRO Datasheet
1Mb / 126P
32-bit High-Performance 2-Channel ADC
Oct 13, 2021
ES9826 ESS-ES9826 Datasheet
2Mb / 88P
32-bit High performance 2 Channel ADC w/PGA
VERSION 0.1.2 April, 2023
ES9842PRO ESS-ES9842PRO Datasheet
2Mb / 167P
32-bit High-Performance 4-Channel ADC
May 26, 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com