Electronic Components Datasheet Search
  English  ▼

X  

97-520 Datasheet(PDF) 12 Page - Laird Tech Smart Technology

Part # 97-520
Description  BERYLLIUM COPPER SOLUTIONS AND BEYOND.
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

97-520 Datasheet(HTML) 12 Page - Laird Tech Smart Technology

Back Button 97-520 Datasheet HTML 8Page - Laird Tech Smart Technology 97-520 Datasheet HTML 9Page - Laird Tech Smart Technology 97-520 Datasheet HTML 10Page - Laird Tech Smart Technology 97-520 Datasheet HTML 11Page - Laird Tech Smart Technology 97-520 Datasheet HTML 12Page - Laird Tech Smart Technology 97-520 Datasheet HTML 13Page - Laird Tech Smart Technology 97-520 Datasheet HTML 14Page - Laird Tech Smart Technology 97-520 Datasheet HTML 15Page - Laird Tech Smart Technology 97-520 Datasheet HTML 16Page - Laird Tech Smart Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 64 page
background image
MOUNTING METHODS
1.10
www.lairdtech.com
Laird Technologies shielding devices may be mounted quickly and easily
using any of several different methods. Each installation method is described
in the text that follows. However, if you should run into a unique situation
not resolved by any of these methods, give us a call. More than likely we
can provide the exact answer you need.
RIVET MOUNT
Riveting produces a tight, long-lasting installation. Either plastic or metal rivets
may be used.
SLOT MOUNT
Slot mounted parts are easily installed using slots where bi-directional movement
is required. Simply install part into one slot and snap it into the second slot
or over the edge of the frame.
ADHESIVE MOUNTING
Sticky Fingers
® is an instant, pressure-sensitive adhesive bonding system,
ideal for all-purpose contact strips for metal cabinets and electronic enclosures,
and is unaffected by temperatures from -67 to +250°F (-55 to +121°C).
Simply follow these four easy steps:
1.Remove all grease and oily residue with solvent. Smooth the mounting
surface with emery cloth.
2.Peel off protective paper backing.
3.Place gasket in correct position. (See mounting methods diagrams A through E.)
Press firmly to ensure a good adhesive bond. Avoid repositioning, which might
impair the effectiveness of the adhesive or may bend or kink the strip.
NOTE: On items where fingers cover the solid portion of the gasket, pressure
may be applied by inserting a mandrel in the strip and pressing down. For
contact strips with Magnefil
® insert, simply press down on the fingers.
4.Allow 24 hours minimum curing time.
Standard parts are supplied with nonconductive tape. For rough surface
applications, such as flame-sprayed surfaces, 0.010 in. (0.254 mm) thick
nonconductive tape is recommended. Optional conductive tape is also
available. Contact a sales department representative for additional
ordering information.
CLIP-ON MOUNTING
Clip-on gaskets hold firmly in place due to their own spring characteristics.
Simply push the strips onto the edge or flange of the door or enclosure.
Also available are clip-on gaskets with either “T” or “D” lances.
TAPE TRACK MOUNTING
Stainless Steel mounting track with PSA (pressure sensitive adhesive) is
available on the Symmetrical Slotted Series and Slot Mount Series.
WELDING
Welded mounting requires simple, traditional welding techniques.
SOLDERING
Solder mounting requires normal low temperature soldering techniques,
including cleaning and fluxing of parts with common copper flux materials.
SLOT MOUNT
^ Shielding gaskets may be mounted for either wiping or
compression closing applications. Proper positioning of the
shielding gasket must take into consideration the closing
design and the configuration of the mounting surface.
INCORRECT POSITION
RIVET MOUNT
CLIP-ON MOUNTING
STICKY FINGERS®
AB
C
D
E
MOUNTING METHODS
TAPE TRACK MOUNT
LT-3034 Metals_catalog
10/8/04
10:30 AM
Page 1.10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com