Electronic Components Datasheet Search
  English  ▼

X  

97-520 Datasheet(PDF) 28 Page - Laird Tech Smart Technology

Part # 97-520
Description  BERYLLIUM COPPER SOLUTIONS AND BEYOND.
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

97-520 Datasheet(HTML) 28 Page - Laird Tech Smart Technology

Back Button 97-520 Datasheet HTML 24Page - Laird Tech Smart Technology 97-520 Datasheet HTML 25Page - Laird Tech Smart Technology 97-520 Datasheet HTML 26Page - Laird Tech Smart Technology 97-520 Datasheet HTML 27Page - Laird Tech Smart Technology 97-520 Datasheet HTML 28Page - Laird Tech Smart Technology 97-520 Datasheet HTML 29Page - Laird Tech Smart Technology 97-520 Datasheet HTML 30Page - Laird Tech Smart Technology 97-520 Datasheet HTML 31Page - Laird Tech Smart Technology 97-520 Datasheet HTML 32Page - Laird Tech Smart Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 64 page
background image
2.15
www.lairdtech.com
All dimensions shown are in inches (millimeters) unless otherwise specified.
This version of Sticky Fingers® beryllium copper shielding gaskets features a
special U-shaped end that permits the finger of the strip to slide when enclosure
doors are closed. It also retains the strip’s fingers when enclosure doors are
open, thus preventing accidental damage to the fingers. Shielding effectiveness
is >115 dB for a 100 MHz plane wave.
Four models provide you a choice of widths to suit your application. They are
available in standard 16.000 in. (406.400 mm) lengths, except 97-515 which
is furnished in 24.000 in. (609.600 mm) lengths. Also, all styles are available in
continuous 25.0 ft. (7.6 m) coils, and in your choice of all finishes except tin
lead and satin tin, see page 1-11. For load/deflection data, see page 2-33.
These 97-Series products are also available in UltraSoft
® low compression
force 98-Series.
97-515
97-521
97-541
97-542
Patent No. 3,504,095
L
A
Double Adhesive
Transfer Tape
B
I
E
D
Smallest
Opening
C
97-921
97-941
Patent No. 4,572,921
Series 97-941/921 are low compression, flexible beryllium copper contact
strips for applications where a continuous shield must conform to irregular
shapes and turn tight radius corners in either direction.
Simple snap-in installation is possible for Series 97-921 with 0.250 in. (6.350
mm) slots and 97-941 with 0.190 in. (4.826 mm) slots. However, soft solder or
conductive adhesive can be used for mounting to flat surfaces.
Shielding effectiveness is >115 dB for a 100 MHz plane wave.
Available in standard 24.000 in. (609.600 mm) lengths in all standard finishes,
see page 1-11. For load/deflection data, see page 2-33.
C
L
R
Q
A
B
FLAT BLANK
0 .047
(1.194)
0.188
(4.775)
M
FINGERSTOCK GASKETS AND METAL GROUNDING PRODUCTS
FOLDOVER SERIES
FINGERSTOCK GASKETS AND METAL GROUNDING PRODUCTS
FLEXIBLE LOW COMPRESSION SERIES
SERIES
A
B
C
D
E
I
L
APPROX. APPROX.
PITCH
SLOT
DIA.
LENGTH
COIL
IN. (MM)
FT. (M)
97-515
0.760
0.230
0.004
0.375
0.032
0.080
0.060
24.000
25.0
(19.304)
(5.842)
(0.102)
(9.525)
(0.813)
(2.032)
(1.524)
(609.600)
(7.6)
97-521
0.510
0.140
0.003
0.250
0.022
0.060
0.070
16.000
25.0
(12.954)
(3.556)
(0.076)
(6.350)
(0.559)
(1.524)
(1.778)
(406.400)
(7.6)
97-541
0.380
0.120
0.003
0.188
0.018
0.060
0.050
16.000
25.0
(9.652)
(3.048)
(0.076)
(4.775)
(0.457)
(1.524)
(1.270)
(406.400)
(7.6)
97-542
0.250
0.080
0.003
0.188
0.018
0.060
0.050
16.000
25.0
(6.350)
(2.032)
(0.076)
(4.775)
(0.457)
(1.524)
(1.270)
(406.400)
(7.6)
FOLDOVER SERIES
SERIES
A
B
C
L
Q
R
APPROX.
LENGTH
97-921
0.260
0.230
0.003
0.140
0.120
0.250
24.0
(6.604)
(5.842)
(0.076)
(3.556)
(3.048)
(6.350)
(609.600)
97-941
0.200
0.170
0.003
0.110
0.090
0.190
24.0
(5.080)
(4.318)
(0.076)
(2.794)
(2.286)
(4.826)
(609.600)
FLEXIBLE LOW COMPRESSION SERIES
LT-3034 Metals_catalog
10/8/04
10:30 AM
Page 2.15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com