Electronic Components Datasheet Search
  English  ▼

X  

97-520 Datasheet(PDF) 59 Page - Laird Tech Smart Technology

Part # 97-520
Description  BERYLLIUM COPPER SOLUTIONS AND BEYOND.
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

97-520 Datasheet(HTML) 59 Page - Laird Tech Smart Technology

Back Button 97-520 Datasheet HTML 55Page - Laird Tech Smart Technology 97-520 Datasheet HTML 56Page - Laird Tech Smart Technology 97-520 Datasheet HTML 57Page - Laird Tech Smart Technology 97-520 Datasheet HTML 58Page - Laird Tech Smart Technology 97-520 Datasheet HTML 59Page - Laird Tech Smart Technology 97-520 Datasheet HTML 60Page - Laird Tech Smart Technology 97-520 Datasheet HTML 61Page - Laird Tech Smart Technology 97-520 Datasheet HTML 62Page - Laird Tech Smart Technology 97-520 Datasheet HTML 63Page - Laird Tech Smart Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 64 page
background image
CONTACTS
CUSTOM DESIGN CONTACTS
4.1
www.lairdtech.com
All dimensions shown are in inches (millimeters) unless otherwise specified.
GAIN MAXIMUM ELECTRICAL AND CARRYING PERFORMANCE
From concept to placement, Laird Technologies has the expertise to deliver
custom precision surface mount contacts. Using the latest computer simulation
techniques, we provide properly designed contacts that ground, carry current
and signals, and interconnect boards and devices. We do this by using basic
geometric parameters (length, width, uncompressed height, compressed height,
contact force) to conduct Finite Element Analysis (FEA) on your prospective
design. With the FEA results, we can then identify the best design to optimize
your product's operational performance. We also incorporate features to provide
for placement and soldering of the contact onto the circuit board.
Laird Technologies offers a wide range of plating options to allow for maximum
electrical current carrying performance. We have exclusive processes such as our
innovative Mako process, which selectively plates contacts with precious metals
only in the necessary areas. This eliminates bare edges and reduces costs.
Our automated packaging allows for complex and small designs with lower
installed costs.
Contact base materials include beryllium copper, phosphor bronze, nickel and
stainless steel. All contacts are fully solderable as required.
TYPE
Thickness IN (mm)
Heat Treatment
COATING
Comments
Beryllium-copper alloys:
0.0035 to 0.080
Heat treatable in all tempers
Tin, palladium, nickel, gold, silver
Pre-tempered & pre-plated
C17200, 190, 174
(0.089 to 2.032)
ASTM
Nickel-silver alloys:
0.004 to 0.060
Stress annealed
Varies
Fully solderable
770, 760, 752
(0.102 to 1.524)
(if used with LT proprietary process)
ASTM
Copper-based alloys: 110, 102,
0.006 to 0.090
N/A
Tin, palladium, nickel, gold, silver
Pre-plated or post-plated
122, 1093
(0.152 to 2.286)
Brass
0.006 to 0.090
N/A
Tin, palladium, nickel, gold, silver
Pre-plated or post-plated
CDA 260
(0.152 to 2.286)
CDA 220
Steel
0.008 to 0.080
Austemper
Tin, nickel, black oxide
Post-plated
High carbon
(0.203 to 2.032)
Spring steel
Stainless steel series:
0.004 to 0.012
Heat treatable
Tin
Pre-plated or post-plated
410, 300, 301, 302
(0.102 to 0.305)
Gold
Special alloys,
0.0031 to 0.080
Heat treatable
Tin, palladium, nickel,
Pre-plated or post-plated
Clad metals, BeCu base
(0.079 to 2.032)
gold, palladium/silver
or other metal base
Post-plating
Any thickness required
N/A
Tin, nickel, gold, zinc, silver cadmium,
N/A
black oxide, black zinc, phosphate
CUSTOM PRECISION ELECTRONIC CONTACTS MATERIAL VARIATIONS
Additional material choices are available upon request. Material properties are for reference only. Product testing by purchaser is recommended to confirm.
Laird Technologies assumes no liability for product failure unless specifically stated in writing.
LT-3034 Metals_catalog
10/8/04
10:31 AM
Page 4.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com