Electronic Components Datasheet Search
  English  ▼

X  

97-520 Datasheet(PDF) 62 Page - Laird Tech Smart Technology

Part # 97-520
Description  BERYLLIUM COPPER SOLUTIONS AND BEYOND.
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

97-520 Datasheet(HTML) 62 Page - Laird Tech Smart Technology

Back Button 97-520 Datasheet HTML 56Page - Laird Tech Smart Technology 97-520 Datasheet HTML 57Page - Laird Tech Smart Technology 97-520 Datasheet HTML 58Page - Laird Tech Smart Technology 97-520 Datasheet HTML 59Page - Laird Tech Smart Technology 97-520 Datasheet HTML 60Page - Laird Tech Smart Technology 97-520 Datasheet HTML 61Page - Laird Tech Smart Technology 97-520 Datasheet HTML 62Page - Laird Tech Smart Technology 97-520 Datasheet HTML 63Page - Laird Tech Smart Technology 97-520 Datasheet HTML 64Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 62 / 64 page
background image
METALS GALVANIC COMPATIBILITY CHART
5.2
www.lairdtech.com
1
Gold; Au-Pt alloys; wrought platinum;
0.00
graphite carbon
2
0.05
3
Rhodium plating
0.10
4
Silver; high-silver alloys
0.15
5
0.20
6
0.25
7
Nickel; nickel-copper alloys; titanium,
0.30
titanium alloys; Monel
8
Beryllium copper; low brasses or bronzes;
0.35
silver solder; copper; Ni-Cr alloys; austenitic
corrosion-resistant steels; most chrome-moly steels;
specialty high-temp stainless steels
9
Commercial yellow brasses and bronzes
0.40
10
High brasses and bronzes; naval brass; Muntz metal
0.45
11
18% Cr type corrosion resistant steels;
0.50
common 300 series stainless steels
12
0.55
13
Chromium or tin plating; 12% Cr type corrosion
0.60
resistant steels; most 400 series stainless steels,
i.e., 410 and some cast stainless steels
14
Terneplate; tin-lead solder
0.65
15
Lead; high-lead alloys
0.70
16
Wrought 2000 series aluminum alloys
0.75
17
0.80
18
Wrought gray or malleable iron; plain carbon and
0.85
low-alloy steels; armco iron; cold-rolled steel
19
Wrought aluminum alloys except 2000 series cast
0.90
Al-Si alloys; 6000 series aluminum
20
Cast aluminum alloys other than Al-Si;
0.95
cadmium plating
21
1.00
22
1.05
23
1.10
24
1.15
25
Hot-dip galvanized or electrogalvanized steel
1.20
26
Wrought zinc; zinc die casting alloys
1.25
27
1.30
28
1.35
29
1.40
30
1.45
31
1.50
32
1.55
33
1.60
34
1.65
35
1.70
36
Wrought and cast magnesium alloys
1.75
37
1.80
38
Beryllium
1.85
COMMON METAL SURFACES
GROUP
METALLURGICAL CATEGORY
ANODIC
NUMBER
INDEX, V
GOLD
RHODIUM
SILVER
NICKEL
For harsh environments (presence of fair to good ionic conductors), all metals
in contact with each other should be no more than one level of the chart apart to
minimize corrosion. This is shown by the dark blue regions of the plating bar
chart under specific platings. Outdoor applications, high humidity and salt air
fall into this category.
For normal environments (storage in warehouses or non-temperature/humidity-
controlled environments, etc.), the difference between dissimilar metals should
not exceed 0.25 volts (5 chart levels counting the origin). This is shown by the
light blue regions of the chart under specific platings.
LT-3034 Metals_catalog
10/8/04
10:31 AM
Page 5.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com