Electronic Components Datasheet Search
  English  ▼

X  

97-520 Datasheet(PDF) 52 Page - Laird Tech Smart Technology

Part # 97-520
Description  BERYLLIUM COPPER SOLUTIONS AND BEYOND.
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

97-520 Datasheet(HTML) 52 Page - Laird Tech Smart Technology

Back Button 97-520 Datasheet HTML 48Page - Laird Tech Smart Technology 97-520 Datasheet HTML 49Page - Laird Tech Smart Technology 97-520 Datasheet HTML 50Page - Laird Tech Smart Technology 97-520 Datasheet HTML 51Page - Laird Tech Smart Technology 97-520 Datasheet HTML 52Page - Laird Tech Smart Technology 97-520 Datasheet HTML 53Page - Laird Tech Smart Technology 97-520 Datasheet HTML 54Page - Laird Tech Smart Technology 97-520 Datasheet HTML 55Page - Laird Tech Smart Technology 97-520 Datasheet HTML 56Page - Laird Tech Smart Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 64 page
background image
FINGERSTOCK GASKETS AND METAL GROUNDING PRODUCTS
SHIELDING EFFECTIVENESS CHARTS
2.39
www.lairdtech.com
-02 (Cu)
-08 (Sn)
140
120
100
80
60
40
20
0
9 kHz
1 MHz
1 GHz
18 GHz
100 kHz
10 MHz
200 MHz
10 GHz
Frequency
RADIATED
PART NO. 0077-0014-XX
-02 (Cu)
-08 (Sn)
140
120
100
80
60
40
20
10 kHz
1 MHz
100 MHz
100 kHz
10 MHz
1 GHz
Frequency
TRANSFER IMPEDANCE
PART NO. 0077-0014-XX
-02 (Cu)
-08 (Sn)
140
120
100
80
60
40
20
0
9 kHz
1 MHz
1 GHz
18 GHz
100 kHz
10 MHz
200 MHz
10 GHz
Frequency
RADIATED
PART NO. 0097-0555-XX
-02 (Cu)
-08 (Sn)
140
120
100
80
60
40
20
10 kHz
1 MHz
100 MHz
100 kHz
10 MHz
1 GHz
Frequency
TRANSFER IMPEDANCE
PART NO. 0097-0555-XX
NO SNAG GASKET PART NO. 0077-0014-XX
TABLE 1. MIL-DTL-83528* RADIATED SHIELDING EFFECTIVENESS (dB)
* Fixture design (clamping vs. bolt configuration)
** Projected H-Field data
FREQUENCY
-02 (CU)
-08 (SN)
MAGNETIC
9 kHz
7
7
100 kHz
46
45
**1 MHz
85
83
**10 MHz
123
121
PLANE WAVE
200 MHz
114
114
1 GHz
128
101
10 GHz
65
65
18 GHz
47
44
TABLE 2. SAE ARP 1705 TRANSFER IMPEDANCE
SHIELDING EFFECTIVENESS (dB)
FREQUENCY
-02 (CU)
-08 (SN)
10 kHz
102
101
100 kHz
126
125
1 MHz
130
129
10 MHz
119
118
100 MHz
107
106
1 GHz
94
97
TWIST SERIES PART NO. 0097-0555-XX
TABLE 1. MIL-DTL-83528* RADIATED SHIELDING EFFECTIVENESS (dB)
* Fixture design (clamping vs. bolt configuration)
** Projected H-Field data
FREQUENCY
-02 (CU)
-08 (SN)
MAGNETIC
9 kHz
13
13
100 kHz
49
49
**1 MHz
85
85
**10 MHz
121
121
PLANE WAVE
200 MHz
115
114
1 GHz
102
101
10 GHz
48
56
18 GHz
48
44
TABLE 2. SAE ARP 1705 TRANSFER IMPEDANCE
SHIELDING EFFECTIVENESS (dB)
FREQUENCY
-02 (CU)
-08 (SN)
10 kHz
102
102
100 kHz
124
123
1 MHz
121
120
10 MHz
113
110
100 MHz
96
95
1 GHz
59
61
LT-3034 Metals_catalog
10/8/04
10:31 AM
Page 2.39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com