Electronic Components Datasheet Search
  English  ▼

X  

97-520 Datasheet(PDF) 56 Page - Laird Tech Smart Technology

Part # 97-520
Description  BERYLLIUM COPPER SOLUTIONS AND BEYOND.
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

97-520 Datasheet(HTML) 56 Page - Laird Tech Smart Technology

Back Button 97-520 Datasheet HTML 52Page - Laird Tech Smart Technology 97-520 Datasheet HTML 53Page - Laird Tech Smart Technology 97-520 Datasheet HTML 54Page - Laird Tech Smart Technology 97-520 Datasheet HTML 55Page - Laird Tech Smart Technology 97-520 Datasheet HTML 56Page - Laird Tech Smart Technology 97-520 Datasheet HTML 57Page - Laird Tech Smart Technology 97-520 Datasheet HTML 58Page - Laird Tech Smart Technology 97-520 Datasheet HTML 59Page - Laird Tech Smart Technology 97-520 Datasheet HTML 60Page - Laird Tech Smart Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 64 page
background image
METAL CONNECTOR SHIELDS
DIN CONNECTOR SERIES
3.3
www.lairdtech.com
METAL CONNECTOR SHIELDS
USB CONNECTOR
All dimensions shown are in inches (millimeters) unless otherwise specified.
Laird Technologies’ DIN Connector Gasket Series is designed to ground
connector plugs to the chassis of electronic systems. Manufactured in
beryllium copper, these connector gaskets provide excellent conductivity
and shielding characteristics.
• Available in two sizes to accommodate a variety of DIN connector plugs
• Large compression range between board and chassis
• Wide footprint to accommodate misalignment of plug to chassis opening
• Unique slide-on design for ease of assembly
• Grounds circuit boards, as well as keyboards and audio equipment
• Available in a wide variety of plated finishes, see page 1-11
97-725
97-723
*97-725 is available without the formed bends or with bends of varying sizes to accommodate your requirements for a
variety of connector sizes.
0.495
(12.573)
0.120
(3.048)
0.606 Dia.
(15.392)
0.115
(2.921)
0.110
(2.794)
0.069
(1.753)
0.138
(3.505)
0.405
(10.287)
0.810
(20.574)
0.405
(10.287)
0.138
(3.505)
0.810
(20.574)
0.198
(5.029)
0.069
(1.753)
0.495
(12.573)
0.210
(5.334)
0.180
(4.572)
1.101
(27.965)
0.150
(3.810)
0.250
(6.350)
0.500
(12.700)
0.854
(21.692)
0.062
(1.575)
0.810
(20.574)
0.646
(16.408)
1.332
(33.833)
*0.105
(2.667)
INSIDE
1.277
(32.436)
0.150
(3.810)
0.570
(14.478)
TYP.
0.150
(3.810)
0.846
(21.488)
0.198
(5.029)
97-725
A97-723
Laird Technologies offers the USB (Universal Serial Bus) Type B connector gasket.
The unique design easily snaps onto the connector prior to placement on the
printed circuit board and fits all Series B USB right angle connector brands.
Made from high performance beryllium copper, these gaskets provide superior
grounding characteristics and enhances the shielding of the connector due to
the short electrical path to the ground plane provided when the gasket makes
contact with the connector.
• Gasket easily snaps onto the connector for a secure fit
• Connector/gasket assembly can be placed onto the board via pick-and-place
• High clip force attaches clip to connector body for good electrical contact
and secure transport prior to soldering
• Once the shielded connector assembly is soldered to the PCB, the shield is
captivated between board and connector and provides reliable contact
between the connector and faceplate
• Simple compact design fits within 0.625 in. X 0.625 in. (15.875 mm X
15.875 mm) windows
• Available in a variety of plated finishes
0.120
(3.048)
0.165
(4.191)
0.040
(1.106)
0.625
(15.875)
0.394
(10.007)
0.384
(9.754)
0.160
(4.064)
0.511
(12.979)
0.030
(0.762)
0.240
(6.096)
0.448
(11.379)
0.305
(7.747)
0.008 Thick
(0.203)
RIGHT SIDE
FRONT
TOP
➛
97-728
LT-3034 Metals_catalog
10/8/04
10:31 AM
Page 3.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com