Electronic Components Datasheet Search
  English  ▼

X  

97-520 Datasheet(PDF) 55 Page - Laird Tech Smart Technology

Part # 97-520
Description  BERYLLIUM COPPER SOLUTIONS AND BEYOND.
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

97-520 Datasheet(HTML) 55 Page - Laird Tech Smart Technology

Back Button 97-520 Datasheet HTML 51Page - Laird Tech Smart Technology 97-520 Datasheet HTML 52Page - Laird Tech Smart Technology 97-520 Datasheet HTML 53Page - Laird Tech Smart Technology 97-520 Datasheet HTML 54Page - Laird Tech Smart Technology 97-520 Datasheet HTML 55Page - Laird Tech Smart Technology 97-520 Datasheet HTML 56Page - Laird Tech Smart Technology 97-520 Datasheet HTML 57Page - Laird Tech Smart Technology 97-520 Datasheet HTML 58Page - Laird Tech Smart Technology 97-520 Datasheet HTML 59Page - Laird Tech Smart Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 64 page
background image
METAL CONNECTOR SHIELDS
“D” CONNECTOR SHIELDING/SLOTTED “D”
3.2
www.lairdtech.com
All dimensions shown are in inches (millimeters) unless otherwise specified.
“D” CONNECTOR SHIELDING
Laird Technologies offers the “D” Connector Shield Series for grounding and
shielding of D Subminiature Connectors. This series is designed to fit most
commonly used 9 pin through 68 pin connectors.
• Available in stainless steel and beryllium copper, conductive elastomers,
oriented wire and other materials
• Improved 20 degree angle flange design on metal connectors:
- provides continuous contact for increased shielding effectiveness
- fills gaps and adjusts for irregularities in the flatness of the
mounting surface
• Beryllium copper parts available in UltraSoft
®
low force version and
available in a wide variety of finishes, see page 1-11
• Custom shapes and designs also available
• Versatile front or rear mounting
SLOTTED “D” CONNECTOR SHIELDING
The slotted D connector gaskets provide shielding for most 9 through 50 pin
connectors. The separate finger design provides maximum surface contact,
provides high shielding effectiveness and low compression forces.
Slotted D connector gaskets are available from stock in copper beryllium and
stainless steel. Copper beryllium parts can be plated to a variety of finishes
for galvanic compatibility, see page 1-11.
TOP VIEW
“D”Connector
Shield
RIGHT VIEW
0.004
(0.102)
0.025
(0.635)
A
B
C
F
G
D
E
F
.20°
(Ref.)
M
SS
BeCu
# PINS
A
B
C
D
E
F
G
97-768
97-778
9
1.410
0.980
0.780
0.220
0.440
0.690
0.130
—
(35.814)
(24.892)
(19.812)
(5.588)
(11.176)
(17.526)
(3.302)
97-769
97-779
15
1.740
1.310
1.110
0.220
0.440
0.690
0.130
—
(44.196)
(33.274)
(28.194)
(5.588)
(11.176)
(17..526)
(3.302)
97-770
97-780
25
2.280
1.850
1.650
0.220
0.440
0.690
0.130
—
(57.912)
(46.990)
(41.910)
(5.588)
(11.176)
(17.526)
(3.302)
97-771
97-781
37
2.930
2.500
2.290
0.220
0.440
0.690
0.130
—
(74.422)
(63.500)
(58.166)
(5.588)
(11.176)
(17.526)
(3.302)
97-772
97-782
50
2.840
2.410
2.110
0.280
0.550
0.800
0.240
—
(72.136)
(61.214)
(53.594)
(7.112)
(13.970)
(20.320)
(6.096)
97-773
97-783
68
1.800
1.480
1.260
0.080
0.160
0.400
0.090
—
(45.720)
(37.592)
(32.004)
(2.032)
(4.064)
(10.160)
(2.286)
“D” CONNECTOR SERIES DIMENSIONS FOR BECU AND STAINLESS STEEL
“D” CONNECTOR SERIES
SLOTTED “D” CONNECTOR SERIES
SS
BeCu
# Pins
A
B
C
D
E
F
G
Pitch
95-822
97-822
9
1.412
0.984
0.784
0.220
0.440
0.690
0.160
0.718
(35.865)
(24.994)
(19.914)
(5.588)
(11.176) (17.526)
(4.064)
(4.521)
95-823
97-823
9
1.412
0.984
0.784
0.180
0.360
0.690
0.160
0.178
(35.865)
(24.994)
(19.914)
(4.572)
(9.144)
(17.526)
(4.064)
(4.521)
95-825
97-825
15
1.740
1.312
1.112
0.180
0.360
0.690
0.160
0.175
(44.196)
(33.325)
(28.245)
(4.572)
(9.144)
(17.526)
(4.064)
(4.445)
95-824
97-824
15
1.740
1.312
1.112
0.220
0.360
0.690
0.160
0.175
(44.196)
(33.325)
(28.245)
(5.588)
(9.144)
(17.526)
(4.064)
(4.445)
95-827
97-827
25
2.280
1.852
1.652
0.180
0.360
0.360
0.160
0.174
(57.912)
(47.041)
(41.960)
(4.572)
(9.144)
(17.526)
(4.064)
(4.420)
95-826
97-826
25
2.280
1.852
1.652
0.220
0.440
0.690
0.160
0.174
(57.912)
(47.041)
(41.960)
(5.588)
(11.176) (17.526)
(4.064)
(4.420)
95-828
97-828
37
2.298
2.500
2.290
0.220
0.440
0.690
0.160
0.184
(58.369)
(63.500)
(58.166)
(5.588)
(11.176) (17.526)
(4.064)
(4.674)
SLOTTED “D” CONNECTOR SHIELDING
TOP VIEW
RIGHT VIEW
A
B
C
D
R 0.050
(1.270)
F
E
G
20.0°
0.025
(0.635)
LT-3034 Metals_catalog
10/8/04
10:31 AM
Page 3.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com