| Electronic Components Datasheet Search |
|
97-520 Datasheet(PDF) 6 Page - Laird Tech Smart Technology |
|
|
|||||||||||||||||||||||||||||
97-520 Datasheet(HTML) 6 Page - Laird Tech Smart Technology |
|
6 / 64 page ![]() 1.4 www.lairdtech.com All dimensions shown are in inches (millimeters) unless otherwise specified. When ordering, please call our sales department to confirm availability and lead times. PART NUMBER CROSS REFERENCE # PART NO. PRODUCT SIZE PAGE NO. BMIC-001 STANDARD CONTACTS Page 4-2 BMIC-004 STANDARD CONTACTS Page 4-2 BMIC-007-01 STANDARD CONTACTS Page 4-2 BMIC-010 STANDARD CONTACTS Page 4-2 77-010 SLOT MOUNT SERIES 16 (406.400) LENGTH Page 2-1, 2-2 77-011 SLOT MOUNT SERIES 16 (406.400) LENGTH Page 2-1, 2-2 77-012 NO SNAG GASKET 24 (609.600) LENGTH Page 2-6 77-014 NO SNAG GASKET 24 (609.600) LENGTH Page 2-6 77-015 SLOT MOUNT SERIES SINGLE FINGER 0.250 (6.350) Page 2-1, 2-2 77-016 SLOT MOUNT SERIES SINGLE FINGER 0.169 (4.293) Page 2-2 77-017 SLOT MOUNT SERIES TWO FINGERS 0.356 (9.042) Page 2-2 77-018 SLOT MOUNT SERIES THREE FINGERS 0.543 (13.792) Page 2-1, 2-2 77-019 SLOT MOUNT SERIES FOUR FINGERS 0.730 (18.542) Page 2-2 77-020 SLOT MOUNT SERIES TWO FINGERS 0.532 (13.513) Page 2-2 77-021 SLOT MOUNT SERIES 16 (406.400) LENGTH Page 2-2 77-023 SLOT MOUNT SERIES SINGLE FINGER 0.225 (5.715) Page 2-2 77-024 SLOT MOUNT SERIES TWO FINGERS 0.475 (12.065) Page 2-2 77-025 SLOT MOUNT SERIES THREE FINGERS 0.725 (18.415) Page 2-2 77-026 SLOT MOUNT SERIES FOUR FINGERS 0.975 (24.765) Page 2-2 77-027 SLOT MOUNT SERIES FIVE FINGERS 1.225 (31.115) Page 2-2 77-028 SLOT MOUNT SERIES SIX FINGERS 1.475 (37.465) Page 2-2 77-029 SLOT MOUNT SERIES SINGLE FINGER 0.343 (8.712) Page 2-2 77-030 SLOT MOUNT SERIES TWO FINGERS 0.718 (18.237) Page 2-2 77-031 SLOT MOUNT SERIES THREE FINGERS 1.093 (27.762) Page 2-2 77-032 SLOT MOUNT SERIES FOUR FINGERS 1.468 (37.287) Page 2-2 77-033 NO SNAG GASKET 16 (406.400) LENGTH Page 2-6 77-035 SLOT MOUNT SERIES TWO FINGERS 0.480 (12.192) Page 2-2 77-036 SLOT MOUNT SERIES FOUR FINGERS 0.980 (24.892) Page 2-2 77-037 SLOT MOUNT SERIES SIX FINGERS 1.480 (37.592) Page 2-2 77-038 SLOT MOUNT SERIES EIGHT FINGERS 1.980 (50.292) Page 2-2 77-039 SLOT MOUNT SERIES SINGLE FINGER 0.169 (4.293) Page 2-2 77-040 SLOT MOUNT SERIES TWO FINGERS 0.356 (9.042) Page 2-2 77-041 SLOT MOUNT SERIES THREE FINGERS 0.543 (13.792) Page 2-2 77-042 SLOT MOUNT SERIES FOUR FINGERS 0.730 (18.542) Page 2-2 77-043 LOW PROFILE GASKET 16 (406.400) LENGTH Page 2-13 77-044 SLOT MOUNT SERIES SIX FINGERS 1.104 (28.042) Page 2-2 77-045 SLOT MOUNT SERIES SINGLE FINGER 0.169 (4.293) Page 2-2 77-046 SLOT MOUNT SERIES TWO FINGERS 0.356 (9.042) Page 2-2 77-047 SLOT MOUNT SERIES THREE FINGERS 0.543 (13.792) Page 2-2 77-048 SLOT MOUNT SERIES FOUR FINGERS 0.730 (18.542) Page 2-2 77-049 LOW PROFILE GASKET 16 (406.400) LENGTH Page 2-13 77-050 SLOT MOUNT SERIES FIVE FINGERS 0.917 (23.292) Page 2-2 77-051 SLOT MOUNT SERIES SIX FINGERS 1.104 (28.042) Page 2-2 77-052 SLOT MOUNT SERIES SEVEN FINGERS 1.291 (32.791) Page 2-2 77-053 SLOT MOUNT SERIES EIGHT FINGERS 1.478 (37.541) Page 2-2 77-054 SLOT MOUNT SERIES NINE FINGERS 1.665 (42.291) Page 2-2 77-055 SLOT MOUNT SERIES TEN FINGERS 1.852 (47.041) Page 2-2 77-056 VARIABLE SLOT MOUNT 16 (406.400) LENGTH Page 2-5 77-057 VARIABLE SLOT MOUNT 16 (406.400) LENGTH Page 2-5 77-058 SLOT MOUNT SERIES FIVE FINGERS 0.917 (23.292) Page 2-2 77-059 SLOT MOUNT SERIES 16 (406.400) LENGTH Page 2-2 77-060 VARIABLE SLOT MOUNT 16 (406.400) LENGTH Page 2-5 77-061 VARIABLE SLOT MOUNT 16 (406.400) LENGTH Page 2-5 77-062 SLOT MOUNT SERIES SINGLE FINGER 0.169 (4.293) Page 2-2 77-063 SLOT MOUNT SERIES TWO FINGERS 0.356 (9.042) Page 2-2 77-064 SLOT MOUNT SERIES THREE FINGERS 0.543 (13.792) Page 2-2 77-065 SLOT MOUNT SERIES FOUR FINGERS 0.730 (18.542) Page 2-2 77-066 VARIABLE SLOT MOUNT 16 (406.400) LENGTH Page 2-5 LT-3034 Metals_catalog 10/8/04 10:30 AM Page 1.4 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |