Electronic Components Datasheet Search
  English  ▼

X  

GV2G445 Datasheet(PDF) 29 Page - Schneider Electric

Part # GV2G445
Description  Variable speed drives Altivar Machine
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

GV2G445 Datasheet(HTML) 29 Page - Schneider Electric

Back Button GV2G445 Datasheet HTML 25Page - Schneider Electric GV2G445 Datasheet HTML 26Page - Schneider Electric GV2G445 Datasheet HTML 27Page - Schneider Electric GV2G445 Datasheet HTML 28Page - Schneider Electric GV2G445 Datasheet HTML 29Page - Schneider Electric GV2G445 Datasheet HTML 30Page - Schneider Electric GV2G445 Datasheet HTML 31Page - Schneider Electric GV2G445 Datasheet HTML 32Page - Schneider Electric GV2G445 Datasheet HTML 33Page - Schneider Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 48 page
background image
28
1
2
VW3A4422 + ATV320U04N4B
3
4
VW3A4424 + ATV320U55N4B
Presentation
Variable speed drives
Altivar Machine ATV320
Additional EMC input filters
Presentation:
page 4
Variable speed drives:
page 12
Combinations:
page 22
Dimensions:
page 44
Presentation
Additional EMC input filters
The additional EMC input filters enable the drives to meet more stringent
requirements; they are designed to reduce conducted emissions on the supply
mains below the limits of standard IEC 61800-3 category C1 or C2 (see below).
Mounting on ATV320ppppB
v
Depending on the model, additional EMC filters can be mounted beside or
underneath the drive.
v
They act as a support for the drives and are attached to them via tapped holes.
Mounting the filter on the side of the drive:
1 ATV320pppM2B, ATV320U04N4B…U40N4B drives
2 Additional EMC input filters
Mounting the filter underneath the drive:
3 ATV320U55N4B…U75N4B and ATV320D11N4B…D15N4B drives
4 Additional EMC input filters
Mounting on ATV320ppppC
Additional EMC filters can be mounted beside or underneath the ATV320pppppC
drives, except for the ATV320pppS6C drives.
They act as a support for the drives and are attached to them via tapped holes.
Use according to the type of supply mains
v
Additional EMC filters can only be used on TN (neutral connection) and TT
(grounded neutral) type systems.
v
Standard IEC 61800-3, appendix D2.1, states that on IT systems (isolated or
impedance grounded neutral), filters can cause permanent insulation monitors to
operate in a random manner.
v
The effectiveness of additional filters on this type of system depends on the
type of impedance between neutral and ground, and therefore cannot be
predicted.
v
If a machine has to be installed on an IT system, one solution is to insert an
isolation transformer and connect the machine locally on a TN or TT system.
v
The radio interference input filters integrated in Altivar 320 drives can easily be
disconnected by means of a selector switch without removing the drive.
2
1
3
4
5
6
7
8
9
10
2
1
3
4
5
6
7
8
9
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com