Electronic Components Datasheet Search
  English  ▼

X  

GV2G445 Datasheet(PDF) 32 Page - Schneider Electric

Part # GV2G445
Description  Variable speed drives Altivar Machine
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

GV2G445 Datasheet(HTML) 32 Page - Schneider Electric

Back Button GV2G445 Datasheet HTML 28Page - Schneider Electric GV2G445 Datasheet HTML 29Page - Schneider Electric GV2G445 Datasheet HTML 30Page - Schneider Electric GV2G445 Datasheet HTML 31Page - Schneider Electric GV2G445 Datasheet HTML 32Page - Schneider Electric GV2G445 Datasheet HTML 33Page - Schneider Electric GV2G445 Datasheet HTML 34Page - Schneider Electric GV2G445 Datasheet HTML 35Page - Schneider Electric GV2G445 Datasheet HTML 36Page - Schneider Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 48 page
background image
31
Presentation, functions,
references
Variable speed drives
Altivar Machine ATV320
Option: speed monitoring module
Presentation
The
VW3A3620 speed monitoring module is recommended for hoisting
applications.
This module helps to detect undesired load slip on hoisting applications by means
of an external encoder. The variable speed drive manages the load slip according to
the configuration parameters.
Functions
b
The load slip frequency threshold represents the difference between the speed
feedback and the output frequency.
b
The load slip detection level can be adjusted so that the function can be used
more efficiently.
b
The load slip direction check allows the variable speed drive to check that
movement is initiated in the desired direction.
b
The load slip detection duration can be configured in order to optimize the use of
the function according the changing mechanics.
The
VW3A3620 speed monitoring module helps to ensure that the actual motor
speed is within the acceptable threshold settings and that movement is in the
desired direction.
The variable speed drive will trigger a warning and the motor will stop either with a
freewheel stop or via the brake logic control function (depending on the
configuration) in the following cases:
b
if the actual speed is different from the permitted speed reference threshold and
this reaches the defined duration, or
b
if the direction of motor rotation is not as expected
Speed monitoring module (1)
Description
Reference
Weight
kg/lb
Speed monitoring module
Port: One 6-way screw connector
b
RS422
b
Input nominal voltage: 5 V
VW3A3620
0.300/
0.660
(1) To use with ATV320 drives with a compact control block, the option module adapter is
required (to be ordered separately).
VW3A3620
Presentation:
page 4
Variable speed drives:
page 12
Combinations:
page 22
Dimensions:
page 44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com