Electronic Components Datasheet Search
  English  ▼

X  

GV2G445 Datasheet(PDF) 44 Page - Schneider Electric

Part # GV2G445
Description  Variable speed drives Altivar Machine
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

GV2G445 Datasheet(HTML) 44 Page - Schneider Electric

Back Button GV2G445 Datasheet HTML 40Page - Schneider Electric GV2G445 Datasheet HTML 41Page - Schneider Electric GV2G445 Datasheet HTML 42Page - Schneider Electric GV2G445 Datasheet HTML 43Page - Schneider Electric GV2G445 Datasheet HTML 44Page - Schneider Electric GV2G445 Datasheet HTML 45Page - Schneider Electric GV2G445 Datasheet HTML 46Page - Schneider Electric GV2G445 Datasheet HTML 47Page - Schneider Electric GV2G445 Datasheet HTML 48Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 44 / 48 page
background image
43
Dimensions (continued)
Variable speed drives
Altivar Machine ATV320
Drives with compact control block
Presentation:
page 4
Variable speed drives:
page 12
Combinations:
page 22
Drives with compact control block
Three-phase supply voltage: 200…240 V 50/60 Hz
Drives
W x H x D (1)
mm
in.
ATV320U02M3C
72 x 143 x 109
2.83 x 5.63 x 4.29
With EMC plate
72 x 188 x 109
2.83 x 7.40 x 4.29
With UL Type 1 conformity kit
72 x 195.5 x 109
2.83 x 7.70 x 4.29
ATV320U04M3C
72 x 143 x 128
2.83 x 5.63 x 5.04
With EMC plate
72 x 188 x 128
2.83 x 7.40 x 5.04
With UL Type 1 conformity kit
72 x 195.5 x 128
2.83 x 7.70 x 5.04
ATV320U06M3C
72 x 143 x 138
2.83 x 5.63 x 5.43
With EMC plate
72 x 188 x 138
2.83 x 7.40 x 5.43
With UL Type 1 conformity kit
72 x 195.5 x 138
2.83 x 7.70 x 5.43
ATV320U07M3C
72 x 143 x 138
2.83 x 5.63 x 5.43
With EMC plate
72 x 188 x 138
2.83 x 7.40 x 5.43
With UL Type 1 conformity kit
72 x 195.5 x 138
2.83 x 7.70 x 5.43
ATV320U11M3C
105 x 143 x 138
4.13 x 5.63 x 5.43
With EMC plate
105 x 190 x 138
4.13 x 7.48 x 5.43
With UL Type 1 conformity kit
105 x 210.5 x 138
4.13 x 8.29 x 5.43
ATV320U15M3C
105 x 143 x 138
4.13 x 5.63 x 5.43
With EMC plate
105 x 190 x 138
4.13 x 7.48 x 5.43
With UL Type 1 conformity kit
105 x 210.5 x 138
4.13 x 8.29 x 5.43
ATV320U22M3C
105 x 143 x 138
4.13 x 5.63 x 5.43
With EMC plate
105 x 190 x 138
4.13 x 7.48 x 5.43
With UL Type 1 conformity kit
105 x 210.5 x 138
4.13 x 8.29 x 5.43
ATV320U30M3C
140 x 184 x 158
5.51 x 7.24 x 6.22
With EMC plate
140 x 228 x 158
5.51 x 8.98 x 6.22
With UL Type 1 conformity kit
140 x 236.5 x 158
5.51 x 9.31 x 6.22
ATV320U40M3C
140 x 184 x 158
5.51 x 7.24 x 6.22
With EMC plate
140 x 228 x 158
5.51 x 8.98 x 6.22
With UL Type 1 conformity kit
140 x 236.5 x 158
5.51 x 9.31 x 6.22
ATV320U55M3C
150 x 232 x 178
5.91 x 9.13 x 7.01
With EMC plate
150 x 308 x 178
5.91 x 21.13 x 7.01
With UL Type 1 conformity kit
150 x 316 x 178
5.91 x 12.44 x 7.01
ATV320U75M3C
150 x 232 x 178
5.91 x 9.13 x 7.01
With EMC plate
150 x 308 x 178
5.91 x 21.13 x 7.01
With UL Type 1 conformity kit
150 x 316 x 178
5.91 x 12.44 x 7.01
ATV320D11M3C
180 x 330 x 198
7.09 x 12.99 x 7.80
With EMC plate
180 x 405 x 198
7.09 x 15.94 x 7.80
With UL Type 1 conformity kit
180 x 410.5 x 198
7.09 x 16.16 x 7.80
ATV320D15M3C
180 x 330 x 198
7.09 x 12.99 x 7.80
With EMC plate
180 x 405 x 198
7.09 x 15.94 x 7.80
With UL Type 1 conformity kit
180 x 410.5 x 198
7.09 x 16.16 x 7.80
Three-phase supply voltage: 525…600 V 50/60 Hz
ATV320U07S6C
105 x 142 x 158
4.13 x 5.59 x 6.22
With EMC plate
105 x 188 x 158
4.13 x 7.4 x 6.22
With UL Type 1 conformity kit
105 x 196 x 158
4.13 x 7.72 x 6.22
ATV320U15S6C
105 x 142 x 158
4.13 x 5.59 x 6.22
With EMC plate
105 x 188 x 158
4.13 x 7.4 x 6.22
With UL Type 1 conformity kit
105 x 196 x 158
4.13 x 7.72 x 6.22
ATV320U22S6C
140 x 184 x 158
5.51 x 7.24 x 6.22
With EMC plate
140 x 227.9 x 158
5.51 x 8.97 x 6.22
With UL Type 1 conformity kit
140 x 236.5 x 158
5.51 x 9.31 x 6.22
ATV320U40S6C
140 x 184 x 158
5.51 x 7.24 x 6.22
With EMC plate
140 x 227.9 x 158
5.51 x 8.97 x 6.22
With UL Type 1 conformity kit
140 x 236.5 x 158
5.51 x 9.31 x 6.22
ATV320U55S6C
150 x 232 x 178
5.90 x 9.13 x 7.01
With EMC plate
150 x 308 x 178
5.90 x 12.13 x 7.01
With UL Type 1 conformity kit
150 x 316 x 178
5.90 x 12.44 x 7.01
ATV320U75S6C
150 x 232 x 178
5.90 x 9.13 x 7.01
With EMC plate
150 x 308 x 178
5.90 x 12.13 x 7.01
With UL Type 1 conformity kit
150 x 316 x 178
5.90 x 12.44 x 7.01
ATV320D11S6C
180 x 330 x 198
7.08 x 12.99 x 7.79
With EMC plate
180 x 404 x 198
7.08 x 15.9 x 7.79
With UL Type 1 conformity kit
180 x 410 x 198
7.08 x 16.14 x 7.79
ATV320D15S6C
180 x 330 x 198
7.08 x 12.99 x 7.79
With EMC plate
180 x 404 x 198
7.08 x 15.9 x 7.79
With UL Type 1 conformity kit
180 x 410 x 198
7.08 x 16.14 x 7.79
(1) The total depth excludes the module adapter, + 20 mm/0.79 in. in depth if combined with the
option module adapter.
H
W
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com