Electronic Components Datasheet Search
  English  ▼

X  

GV2G445 Datasheet(PDF) 12 Page - Schneider Electric

Part # GV2G445
Description  Variable speed drives Altivar Machine
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

GV2G445 Datasheet(HTML) 12 Page - Schneider Electric

Back Button GV2G445 Datasheet HTML 8Page - Schneider Electric GV2G445 Datasheet HTML 9Page - Schneider Electric GV2G445 Datasheet HTML 10Page - Schneider Electric GV2G445 Datasheet HTML 11Page - Schneider Electric GV2G445 Datasheet HTML 12Page - Schneider Electric GV2G445 Datasheet HTML 13Page - Schneider Electric GV2G445 Datasheet HTML 14Page - Schneider Electric GV2G445 Datasheet HTML 15Page - Schneider Electric GV2G445 Datasheet HTML 16Page - Schneider Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 48 page
background image
11
Presentation (continued)
Variable speed drives
Altivar Machine ATV320
References:
page 12
Description
1 Power terminals
2 Protective cover to block access to the power terminals 1 when closed
3 RJ45 communication port for access to integrated protocols: Modbus serial link
and CANopen machine bus
4 Protective cover for access to the control terminals (also includes a label with a
wiring diagram)
5 Control terminals for I/O connection:
b
6 digital inputs:
v
4 configurable for positive digital input (Sink) or negative digital input (Source)
v
1 input configurable as a PTC probe input
v
1 x 20 kHz pulse control input, 24 V c, impedance 3.5 kW, sampling time 8 ms
b
1 digital output:
v
24 V c, sampling time 2 ms, maximum voltage 30 V, maximum current 100 mA
b
3 analog inputs:
v
1 current analog input, by programming X and Y from 0 to 20 mA, impedance
250 W
v
1 bipolar differential analog input ± 10 V, impedance 30 kW
v
1 voltage analog input ±10 V, impedance 30 kW, sampling time 2 ms
b
1 analog output configurable as:
v
voltage analog output 0…10 V c, minimum load impedance 470 W
v
current analog output 0…20 mA, maximum load impedance 800 W
b
2 relay outputs:
v
1 NC contact and 1 NO contact with common point
Minimum switching capacity 5 mA for 24 V c, maximum switching capacity 3 A on
resistive load, 2 A on inductive load for 250 V a or 30 V c
v
1 NC contact , maximum switching capacity 5 A on resistive load
6 Removable motor power terminal block (allows quick disconnect and re-connect
of motor cables during maintenance operations)
7 EMC mounting plate (integral part of the motor power terminal block 6). This
plate is supplied with a cable guide support, which can be used if required.
Standards and certifications (1)
Altivar Machine ATV320 drives have been developed to conform to the strictest
international standards and recommendations relating to industrial electrical control
devices (IEC), in particular:
b
IEC 61800-5-1
b
IEC 61800-3:
v
EMC immunity: IEC 61800-3, Environments 1 and 2
v
Conducted emission compliance:
- IEC 61800-3, category C2, with integrated EMC filter for
ATV320pppM2p,
ATV320U04N4p...U40N4p drives
- IEC 61800-3, category C2, with additional EMC filter for
ATV320pppM3C
drives
- IEC 61800-3, category C3, with integrated EMC filter for
ATV320U55N4B...
D15N4B drives
b
ISO/EN 13849-1/-2 category 3 (PL d)
b
IEC 61508 (parts 1 & 2)
b
IEC 60721-3-3 classes 3C3 and 3S2
Altivar Machine ATV320 drives are certified:
b
UL 508C / UL61800-5-1
b
CSA 22.2 N274
b
NOM
b
EAC
b
RCM
They are e marked according to the European low voltage (2014/35/UE) and EMC
(2014/30/UE) directives.
They also comply with environmental directives (RoHS).
(1) A complete list of certifications and characteristics is available on our website
www.schneider-electric.com.
6
3
2
4
7
1
5
5
3
4
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com