Electronic Components Datasheet Search
  English  ▼

X  

GV2G445 Datasheet(PDF) 17 Page - Schneider Electric

Part # GV2G445
Description  Variable speed drives Altivar Machine
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

GV2G445 Datasheet(HTML) 17 Page - Schneider Electric

Back Button GV2G445 Datasheet HTML 13Page - Schneider Electric GV2G445 Datasheet HTML 14Page - Schneider Electric GV2G445 Datasheet HTML 15Page - Schneider Electric GV2G445 Datasheet HTML 16Page - Schneider Electric GV2G445 Datasheet HTML 17Page - Schneider Electric GV2G445 Datasheet HTML 18Page - Schneider Electric GV2G445 Datasheet HTML 19Page - Schneider Electric GV2G445 Datasheet HTML 20Page - Schneider Electric GV2G445 Datasheet HTML 21Page - Schneider Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 48 page
background image
16
Presentation,
description
references
Variable speed drives
Altivar Machine ATV320
Option: Dialog and configuration tool
Remote display terminal
This terminal is used to locate the Human-Machine Interface of the Altivar Machine
ATV320 drive remotely on the door of an enclosure with IP 54 or IP 65 protection.
It is used to:
b
Control, adjust, and configure the drive remotely
b
Display the drive status and error codes
Its maximum operating temperature is 50 °C/122 °F.
Description
1 4-digit display
2 Navigation
,
and selection
ENT, ESC keys
3 Motor local control keys:
-
RUN: Starts the motor
-
FWD/REV: Reverses the direction of rotation of the motor
-
STOP/RESET: Stops the motor/clears detected errors
4 MODE: Operating mode selection key
5 Cover for access to the motor local control keys
References
Description
Degree of
protection
Length Reference
Weight
m/ft
kg/lb
Remote display terminals
A remote-mounting cordset,
VW3A1104Rpp, is also required
IP 54
–
VW3A1006
0.250/
0.551
IP 65
–
VW3A1007
0.275/
0.606
Remote-mounting cordsets
equipped with 2 RJ45 connectors
–
1.0/
3.28
VW3A1104R10
0.050/
0.110
3.0/
9.84
VW3A1104R30
0.150/
0.331
Presentation:
page 4
Variable speed drives:
page 12
Combinations:
page 22
Dimensions:
page 44
Remote display terminal with cover open
1
2
3
4
Remote display terminal with cover closed
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com