Electronic Components Datasheet Search
  English  ▼

X  

GV2G445 Datasheet(PDF) 14 Page - Schneider Electric

Part # GV2G445
Description  Variable speed drives Altivar Machine
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

GV2G445 Datasheet(HTML) 14 Page - Schneider Electric

Back Button GV2G445 Datasheet HTML 10Page - Schneider Electric GV2G445 Datasheet HTML 11Page - Schneider Electric GV2G445 Datasheet HTML 12Page - Schneider Electric GV2G445 Datasheet HTML 13Page - Schneider Electric GV2G445 Datasheet HTML 14Page - Schneider Electric GV2G445 Datasheet HTML 15Page - Schneider Electric GV2G445 Datasheet HTML 16Page - Schneider Electric GV2G445 Datasheet HTML 17Page - Schneider Electric GV2G445 Datasheet HTML 18Page - Schneider Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 48 page
background image
13
References (continued)
Variable speed drives
Altivar Machine ATV320
Drives with book control block
Presentation:
page 4
Dialog, configuration tools:
page 16
Combinations:
page 22
Dimensions:
page 44
ATV320U02M2B...U07M2B
ATV320U04N4B...U15N4B
ATV320U55N4B
ATV320U11M2B...U22M2B
ATV320U22N4B...U40N4B
ATV320D15N4B
Drives with book control block
Motor
Line supply
Altivar Machine ATV320
Power
indicated on
rating plate
(1)
Max. line
current
(2),(3)
Apparent
power
Max.
prospec-
tive line
Isc
(4)
Max.
continuous
output
current (In)
(1)
Max.
transient
current
for 60s
Power
dissipated at
maximum
output current
(In)
(1)
Reference
(1)
Weight
at U1 at U2 at U2
kW
HP
A
A
kVA
kA
A
A
kg/
lb
Single-phase supply voltage: 200…240 V 50/60 Hz, with integrated EMC filter (3) (5) (6)
0.18
0.25
3.4
2.8
0.7
1
1.5
2.3
25
ATV320U02M2B
2.400/
5.291
0.37
0.5
6
5
1.2
1
3.3
5
38
ATV320U04M2B
2.500/
5.511
0.55
0.75
7.9
6.7
1.6
1
3.7
5.6
42
ATV320U06M2B
0.75
1
10.1
8.5
2
1
4.8
7.2
51
ATV320U07M2B
2.400/
5.291
1.1
1.5
13.6
11.5
2.8
1
6.9
10.4
64
ATV320U11M2B
2.900/
6.393
1.5
2
17.6
14.8
3.6
1
8
12
81
ATV320U15M2B
2.2
3
23.9
20.1
4.8
1
11
16.5
102
ATV320U22M2B
ThrSee-phase supply voltage: 380…500 V 50/60 Hz, with integrated EMC filter (3) (5) (6)
0.37
0.5
2.1
1.6
1.4
5
1.5
2.3
27
ATV320U04N4B
2.500/
5.511
0.55
0.75
2.8
2.2
1.9
5
1.9
2.9
31
ATV320U06N4B
2.600/
5.732
0.75
1
3.6
2.7
2.3
5
2.3
3.5
37
ATV320U07N4B
1.1
1.5
5
3.8
3.3
5
3
4.5
50
ATV320U11N4B
2.500/
5.511
1.5
2
6.5
4.9
4.2
5
4.1
6.2
63
ATV320U15N4B
2.2
3
8.7
6.6
5.7
5
5.5
8.3
78
ATV320U22N4B
3.000/
6.614
3
4
11.1
8.4
7.3
5
7.1
10.7
100
ATV320U30N4B
4
5
13.7
10.5
9.1
5
9.5
14.3
125
ATV320U40N4B
5.5
7.5
20.7
14.5
12.6
22
14.3
21.5
233
ATV320U55N4B
7.500/
16.534
7.5
10
26.5
18.7
16.2
22
17
25.5
263
ATV320U75N4B
11
15
36.6
25.6
22.2
22
27.7
41.6
403
ATV320D11N4B
8.700/
19.180
15
20
47.3
33.3
28.8
22
33
49.5
480
ATV320D15N4B
8.800/
19.401
(1) These values are given for a nominal switching frequency of 4 kHz, for use in continuous operation. The switching frequency is
adjustable from 2 to16 kHz. Above 4 kHz, derate the nominal drive current. The nominal motor current should not exceed this
value (see derating curves).
(2) Typical value for a 4-pole motor and a maximum switching frequency of 4 kHz, with no line choke for max. prospective line Isc (4).
(3) Nominal supply voltage, min. U1, max. U2: 200 (U1)…240 V (U2), 380 (U1)…500 V (U2), 525 (U1)…600 V (U2).
(4) If line Isc is greater than the values in the table, add line chokes.
(5) Drives supplied with category C2 integrated EMC filter. This filter can be disconnected.
(6) Connection in compliance with EMC standards:
- ATV320pppM2B, ATV320U04N4B…ATV320U40N4B drives are supplied with an EMC plate. This is integral part of the
power terminal; these 2 components cannot be separated.
- ATV320U55N4B…D15N4B drives are supplied with an EMC plate, for assembly by the customer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com