Electronic Components Datasheet Search
  English  ▼

X  

GV2G445 Datasheet(PDF) 34 Page - Schneider Electric

Part # GV2G445
Description  Variable speed drives Altivar Machine
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

GV2G445 Datasheet(HTML) 34 Page - Schneider Electric

Back Button GV2G445 Datasheet HTML 30Page - Schneider Electric GV2G445 Datasheet HTML 31Page - Schneider Electric GV2G445 Datasheet HTML 32Page - Schneider Electric GV2G445 Datasheet HTML 33Page - Schneider Electric GV2G445 Datasheet HTML 34Page - Schneider Electric GV2G445 Datasheet HTML 35Page - Schneider Electric GV2G445 Datasheet HTML 36Page - Schneider Electric GV2G445 Datasheet HTML 37Page - Schneider Electric GV2G445 Datasheet HTML 38Page - Schneider Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 48 page
background image
33
Functions,
references
Variable speed drives
Altivar machine ATV320
Communication buses and networks
Functions
All Altivar Machine ATV320 drive functions can be accessed via the communication
buses and networks:
b
Control
b
Monitoring
b
Adjustment
b
Configuration
The speed reference and command may come from different sources:
b
digital input or analog I/O terminals
b
Communication bus or network
b
Remote display terminals
The ATV320 drive's advanced functions can be used to manage switching of these
drive control sources according to the application requirements.
The communication periodic I/O data assignment can be selected using the network
configuration software.
The ATV320 drive can be controlled:
b
According to the CiA 402 native profile
b
According to the I/O profile
Communication is monitored according to criteria specific to each protocol.
Regardless of protocol type, the reaction of the drive to a detected communication
interruption can be configured as follows:
b
Freewheel stop, stop on ramp, fast stop, or braked stop
b
Maintain the last command received
b
Fallback position at a predefined speed
b
Ignore the detected error
Modbus serial link (1)
Connection accessories for remote Human-Machine Interface (2)
Description
Item no.
Length
m/ft
Reference
Weight
kg/lb
Cordsets for Modbus serial link
equipped with 2 RJ45 connectors
1
0.3/0.98
VW3A8306R03
0.025/
0.055
1.0/3.28
VW3A8306R10
0.060/
0.132
3.0/9.84
VW3A8306R30
0.130/
0.287
(1) The Modbus serial link always uses the RJ45 communication port. If simultaneous use of the
Modbus serial link and the CANopen machine bus is required, a CANopen communication
module is needed.
(2) See page 18 for connection of a remote display terminal or remote graphic display terminal.
(3) Requires a 24 V c power supply. Please refer to the “Human/Machine interfaces” catalog.
Presentation:
page 34
Example of connection of an Altivar 320 book format drive
and a Magelis GTO HMI terminal via the Modbus serial link
Modbus
serial link
Magelis
GTO (3)
ATV320
Book
1
Example of connection of an Altivar 320 compact format
drive and a Magelis GTO HMI terminal via the Modbus
serial link
Modbus
serial link
Magelis
GTO (3)
ATV320
Compact
1
Altivar 320 compact format drive with communication
module in the option module adapter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com