Electronic Components Datasheet Search
  English  ▼

X  

GV2G445 Datasheet(PDF) 42 Page - Schneider Electric

Part # GV2G445
Description  Variable speed drives Altivar Machine
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

GV2G445 Datasheet(HTML) 42 Page - Schneider Electric

Back Button GV2G445 Datasheet HTML 38Page - Schneider Electric GV2G445 Datasheet HTML 39Page - Schneider Electric GV2G445 Datasheet HTML 40Page - Schneider Electric GV2G445 Datasheet HTML 41Page - Schneider Electric GV2G445 Datasheet HTML 42Page - Schneider Electric GV2G445 Datasheet HTML 43Page - Schneider Electric GV2G445 Datasheet HTML 44Page - Schneider Electric GV2G445 Datasheet HTML 45Page - Schneider Electric GV2G445 Datasheet HTML 46Page - Schneider Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 48 page
background image
41
Accessories for TeSys circuit-breakers (continued) (1)
Description
For
circuit-breaker
Unit reference
Weight
kg/lb
Add-on blocks
Visible isolation block (2)
Max. number: 1
Mounted on front GV2L07…L22,
GV2P07…P22
GV2AK00
0.150/
0.331
Limiters
Max. number: 1
Mounted on the
top
GV2P
GV1L3
0.130/
0.287
Separate
GV2L/GV2P
LA9LB920
0.320/
0.705
Busbars
3-pole busbars
63 A, 2 tap links
45 mm/1.77 in.
interval
GV2L/GV2P
GV2G245
0.036/
0.079
54 mm/2.13 in.
interval
GV2L/GV2P
GV2G254
0.038/
0.084
72 mm/2.83 in.
interval
GV2L/GV2P
GV2G272
0.042/
0.093
3-pole busbars
63 A, 3 tap links
45 mm/1.77 in.
interval
GV2L/GV2P
GV2G345
0.058/
0.128
54 mm/2.13 in.
interval
GV2L/GV2P
GV2G354
0.060/
0.132
3-pole busbars
63 A, 4 tap links
45 mm/1.77 in.
interval
GV2L/GV2P
GV2G445
0.077/
0.170
54 mm/2.13 in.
interval
GV2L/GV2P
GV2G454
0.085/
0.187
72 mm/2.83 in.
interval
GV2L/GV2P
GV2G472
0.094/
0.207
3-pole busbars
63 A, 5 tap links
54 mm/2.13 in.
interval
GV2L/GV2P
GV2G554
0.100/
0.220
Terminal blocks
For supplying one or more
busbars GV2Gppp
Connection at the
top
GV2L/GV2P
GV1G09
0.040/
0.088
Can take the
GV1L3 limiter
GV2P
GV2G05
0.115/
0.253
Protective end cover
For busbar output awaiting extension
(sold in lots of 5)
GV2L/GV2P
GV1G10
0.005/
0.0 11
Cover for terminal block
For mounting in modular distribution boards
(sold in lots of 10)
GV2L/GV2P
LA9E07
0.005/
0.011
Adapter
Large spacing adapter
UL 508 type E
GV2P07…P022
GV2GH7
0.040/
0.088
External controls
External control
Max. enclosure depth 290 mm/11.41 in.
Visual OFF indication
Red handle, yellow front plate, IP 54
Can be locked with padlock (not supplied)
GV2L, GV2P
GV2AP02
0.200/
0.441
External control
Max. enclosure depth 290 mm/11.41 in.
No visual ON/OFF indication
Does not lock the door or plug-in base opening
control mechanism in the ON position
Color: RAL 7016, IP 54
GV2L, GV2P
GV2AP04
0.104/
0.229
External control
Max. enclosure depth 390 mm/15.35 in.
Includes: A handle LU9AP1p, a rod
260 mm/10.24 in. maximum, a bracket and an
adapter.
Visual OFF indication
Red handle, yellow front plate, IP 54
Can be locked with padlock (not supplied)
GV3L, GV3P
GV3AP02
0.294/
0.648
Padlocking device
Padlocking device
Can take 4 padlocks (not supplied)
∅
6 mm/0.24 in. max.
GV2L, GV2P
GV3L, GV3P
GV2V03
0.092/
0.203
(1) For a detailed description and other accessories for circuit-breakers, please refer to the
"Motor starter solutions - Control and protection components" catalog or visit
www.schneider-electric.com.
(2) 3 poles isolated upstream of GV2L and GV2P circuit-breakers.
Combinations (continued)
Variable speed drives
Altivar Machine ATV320
Accessories for TeSys circuit-breakers
Example of GV2/ATV320 direct mounting in an enclosure:
GV2L circuit-breakers + GV2454 and GV2G05 accessories
+ ATV320U15N4B drives



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com