Electronic Components Datasheet Search
  English  ▼

X  

LM2104 Datasheet(PDF) 1 Page - Texas Instruments

Part # LM2104
Description  LM2104 107-V, 0.5-A, 0.8-A Half-Bridge Driver with 8-V UVLO, Dead Time, and Shutdown Pin
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2104 Datasheet(HTML) 1 Page - Texas Instruments

  LM2104 Datasheet HTML 1Page - Texas Instruments LM2104 Datasheet HTML 2Page - Texas Instruments LM2104 Datasheet HTML 3Page - Texas Instruments LM2104 Datasheet HTML 4Page - Texas Instruments LM2104 Datasheet HTML 5Page - Texas Instruments LM2104 Datasheet HTML 6Page - Texas Instruments LM2104 Datasheet HTML 7Page - Texas Instruments LM2104 Datasheet HTML 8Page - Texas Instruments LM2104 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
LM2104 107-V, 0.5-A, 0.8-A Half-Bridge Driver with
8-V UVLO, Dead Time, and Shutdown Pin
1 Features
• Drives two N-channel MOSFETs in half-bridge
configuration
• 8-V typical undervoltage lockout on GVDD
• 107-V absolute maximum voltage on BST
• –19.5-V absolute maximum negative transient
voltage handling on SH
• 0.5-A/0.8-A peak source/sink currents
• 475-ns typical fixed internal dead-time
• Built-in cross conduction prevention
• 115-ns typical propagation delay
• Shutdown logic input pin SD
• Single input pin IN
2 Applications
• Brushless-DC (BLDC) motors
• Permanent magnet synchronous motors (PMSM)
• Servo and stepper motor drives
• Cordless vacuum cleaners
• Cordless garden and power tools
• E-bikes and e-scooters
• Battery test equipment
• Offline uninterruptible power supply (UPS)
• General-purpose MOSFET or IGBT driver
3 Description
The LM2104 is a compact, high-voltage gate driver
designed to drive both the high-side and the low-side
N-channel MOSFETs in a synchronous buck or a half-
bridge configuration. The IN pin allows the device to
be used in single PWM input applications, and the SD
pin allows the controller to disable the driver's outputs
by turning them off when the SD pin is low, regardless
of the IN pin state.
The fixed dead-time and the –1-V DC and –19.5-
V transient negative voltage handling on the SH
pin improve the system robustness in high noise
applications. The LM2104 is available in an 8-pin
SOIC package compatible with industry standard
pinouts. Undervoltage lockout (UVLO) is provided on
both the low-side and the high-side power rails for
protection during power up and power down.
Package Information
PART
NUMBER
PACKAGE(1)
PACKAGE
SIZE(2)
BODY SIZE (NOM)
LM2104
D (SOIC, 8)
4.9 mm × 6 mm 4.90 mm × 3.91 mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
(2)
The package size (length × width) is a nominal value and
includes pins, where applicable.
V
IN
V
BIAS
GVDD
IN
SD
GND
SH
GL
GH
BST
LOAD
1
2
3
4
8
7
6
5
R
BOOT
D
BOOT
Simplified Application Diagram
LM2104
SNVSCH8A – SEPTEMBER 2023 – REVISED OCTOBER 2023
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LM2104

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2104 TI2-LM2104 Datasheet
1Mb / 28P
LM2104 107-V, 0.5-A, 0.8-A Half-Bridge Driver with 8-V UVLO, Dead Time, and Shutdown Pin
REVISED OCTOBER 2023
LM2104DR TI2-LM2104DR Datasheet
1Mb / 28P
LM2104 107-V, 0.5-A, 0.8-A Half-Bridge Driver with 8-V UVLO, Dead Time, and Shutdown Pin
REVISED OCTOBER 2023
LM2104DR.A TI2-LM2104DR.A Datasheet
1Mb / 28P
LM2104 107-V, 0.5-A, 0.8-A Half-Bridge Driver with 8-V UVLO, Dead Time, and Shutdown Pin
REVISED OCTOBER 2023
More results

Similar Description - LM2104

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMG1210 TI1-LMG1210 Datasheet
601Kb / 23P
200-V, 1.5-A, 3-A Half-Bridge GaN Driver With Adjustable Dead Time
logo
Infineon Technologies A...
IRS2008S INFINEON-IRS2008S Datasheet
2Mb / 21P
200-V half-bridge driver with shutdown and VCC & VBS UVLO
April, 23, 2020
logo
Texas Instruments
UCC27288 TI-UCC27288_V02 Datasheet
1Mb / 32P
UCC27288 2.5-A/3.5-A 120-V Half-Bridge Driver with 8-V UVLO and External Bootstrap Diode
UCC27289 TI-UCC27289 Datasheet
1Mb / 32P
UCC27289 2.5-A/3.5-A 120-V Half-Bridge Driver with 8-V UVLO and Negative Voltage Handling
LM2105 TI-LM2105 Datasheet
1Mb / 25P
LM2105 105-V, 0.5-A/0.8-A Half-Bridge Driver with 5-V UVLO and Integrated Bootstrap Diode
REVISED MARCH 2023
LM2105 TI-LM2105_V01 Datasheet
1Mb / 28P
LM2105 105-V, 0.5-A, 0.8-A Half-Bridge Driver with 5-V UVLO and Integrated Bootstrap Diode
REVISED MAY 2023
LM2103 TI1-LM2103 Datasheet
1Mb / 29P
LM2103 107-V, 0.5-A/0.8-A Half-Bridge Driver with 8-V UVLO, Dead Time, and Inverting Input
REVISED AUGUST 2023
LM2101 TI-LM2101 Datasheet
2Mb / 33P
LM2101 107-V, 0.5-A, 0.8-A Half-Bridge Driver with 8-V UVLO
REVISED SEPTEMBER 2023
LM2005 TI-LM2005_V01 Datasheet
2Mb / 32P
LM2005 107-V, 0.5-A, 0.8-A Half-Bridge Driver with 8-V UVLO and Integrated Bootstrap Diode
REVISED SEPTEMBER 2023
LM2105 TI-LM2105_V02 Datasheet
2Mb / 32P
LM2105 107-V, 0.5-A, 0.8-A Half-Bridge Driver with 5-V UVLO and Integrated Bootstrap Diode
REVISED SEPTEMBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com