Electronic Components Datasheet Search
  English  ▼

X  

LM2104 Datasheet(PDF) 9 Page - Texas Instruments

Part # LM2104
Description  LM2104 107-V, 0.5-A, 0.8-A Half-Bridge Driver with 8-V UVLO, Dead Time, and Shutdown Pin
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2104 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM2104 Datasheet HTML 5Page - Texas Instruments LM2104 Datasheet HTML 6Page - Texas Instruments LM2104 Datasheet HTML 7Page - Texas Instruments LM2104 Datasheet HTML 8Page - Texas Instruments LM2104 Datasheet HTML 9Page - Texas Instruments LM2104 Datasheet HTML 10Page - Texas Instruments LM2104 Datasheet HTML 11Page - Texas Instruments LM2104 Datasheet HTML 12Page - Texas Instruments LM2104 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
6.8 Typical Characteristics (continued)
Unless otherwise specified, VGVDD = VBST = 12 V, GND = VSH = 0 V, No Load on GL or GH, TJ = 25°C.
Temperature (°C)
-40 -25 -10
5
20
35
50
65
80
95
110 125
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
IGL = -100mA
Figure 6-9. GL Output High Voltage vs Temperature
Temperature (°C)
-40 -25 -10
5
20
35
50
65
80
95
110 125
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
IGH = -100mA
Figure 6-10. GH Output High Voltage vs Temperature
Temperature (°C)
-40 -25 -10
5
20
35
50
65
80
95
110 125
0.2
0.25
0.3
0.35
0.4
0.45
0.5
IGL = 100mA
Figure 6-11. GL Output Low Voltage vs Temperature
Temperature (°C)
-40 -25 -10
5
20
35
50
65
80
95
110 125
0.25
0.3
0.35
0.4
0.45
0.5
0.55
IGH = 100mA
Figure 6-12. GH Output Low Voltage vs Temperature
Temperature (°C)
-40 -25 -10
5
20
35
50
65
80
95
110 125
7.55
7.65
7.75
7.85
7.95
8.05
8.15
8.25
8.35
VGVDDR (V)
VBSTR (V)
Figure 6-13. GVDD and BST UVLO Thresholds vs Temperature
Temperature (°C)
-40 -25 -10
5
20
35
50
65
80
95
110 125
0.4
0.41
0.42
0.43
0.44
0.45
0.46
0.47
0.48
0.49
0.5
VDDHYS
VBSTHYS
Figure 6-14. GVDD and BST UVLO Hysteresis vs Temperature
www.ti.com
LM2104
SNVSCH8A – SEPTEMBER 2023 – REVISED OCTOBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: LM2104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com