Electronic Components Datasheet Search
  English  ▼

X  

LM2104 Datasheet(PDF) 3 Page - Texas Instruments

Part # LM2104
Description  LM2104 107-V, 0.5-A, 0.8-A Half-Bridge Driver with 8-V UVLO, Dead Time, and Shutdown Pin
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2104 Datasheet(HTML) 3 Page - Texas Instruments

  LM2104 Datasheet HTML 1Page - Texas Instruments LM2104 Datasheet HTML 2Page - Texas Instruments LM2104 Datasheet HTML 3Page - Texas Instruments LM2104 Datasheet HTML 4Page - Texas Instruments LM2104 Datasheet HTML 5Page - Texas Instruments LM2104 Datasheet HTML 6Page - Texas Instruments LM2104 Datasheet HTML 7Page - Texas Instruments LM2104 Datasheet HTML 8Page - Texas Instruments LM2104 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
5 Pin Configuration and Functions
BST
GH
SH
GL
GVDD
IN
SD
GND
Not to scale
1
2
3
4
5
6
7
8
Figure 5-1. D Package, 8-Pin SOIC (Top View)
Table 5-1. Pin Functions
PIN
DESCRIPTION
NO.
NAME
TYPE(1)
1
GVDD
P
Gate driver positive supply rail. Locally decouple to ground using low ESR and ESL capacitor
located as close to IC as possible.
2
IN
I
Control input. The IN input is compatible with TTL and CMOS input thresholds.
3
SD
I
Shutdown control input. The inverting SD input is compatible with TTL and CMOS input
thresholds. When this pin is pulled low, it will turn off both GH and GL outputs.
4
GND
G
Ground. All signals are referenced to this ground.
5
GL
O
Low-side gate driver output. Connect to the gate of the low-side MOSFET or one end of
external gate resistor, when used.
6
SH
P
High-side source connection. Connect to the negative terminal of the bootstrap capacitor and
to the source of the high-side MOSFET.
7
GH
O
High-side gate driver output. Connect to the gate of the high-side MOSFET or one end of
external gate resistor, when used.
8
BST
P
High-side gate driver positive supply rail. Connect the positive terminal of the bootstrap
capacitor to BST and the negative terminal of the bootstrap capacitor to SH. The bootstrap
capacitor must be placed as close to IC as possible.
(1)
G = Ground, I = Input, O = Output, and P = Power
www.ti.com
LM2104
SNVSCH8A – SEPTEMBER 2023 – REVISED OCTOBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: LM2104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com