Electronic Components Datasheet Search
  English  ▼

X  

LM2005 Datasheet(PDF) 7 Page - Texas Instruments

Part # LM2005
Description  LM2005 107-V, 0.5-A, 0.8-A Half-Bridge Driver with 8-V UVLO and Integrated Bootstrap Diode
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2005 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM2005 Datasheet HTML 3Page - Texas Instruments LM2005 Datasheet HTML 4Page - Texas Instruments LM2005 Datasheet HTML 5Page - Texas Instruments LM2005 Datasheet HTML 6Page - Texas Instruments LM2005 Datasheet HTML 7Page - Texas Instruments LM2005 Datasheet HTML 8Page - Texas Instruments LM2005 Datasheet HTML 9Page - Texas Instruments LM2005 Datasheet HTML 10Page - Texas Instruments LM2005 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
6.8 Typical Characteristics
Unless otherwise specified, VGVDD = VBST = 12 V, GND = VSH = 0 V, No Load on GL or GH, TJ = 25°C.
Frequency (kHz)
1
2 3 4 5 67 10
20 30 50 70100 200
500 1000
0.2
0.2
0.3
0.5
1
2
3
5
10
20
30
50
100
200
No Load
1nF
10nF
Figure 6-2. GVDD Operating Current vs Frequency
Frequency (kHz)
1
2 3 4 5 67 10
20 30 50 70100 200
500 1000
0.1
0.2
0.5
1
2
5
10
20
50
100
200
No Load
1nF
10nF
Figure 6-3. BST Operating Current vs Frequency
Figure 6-4. Operating Currents vs Temperature
Temperature (°C)
-40 -25 -10
5
20
35
50
65
80
95 110 125
100
150
200
250
300
350
400
450
500
550
600
IGVDD
IBST
Figure 6-5. Quiescent Currents vs Temperature
Temperature (°C)
-40 -25 -10
5
20
35
50
65
80
95 110 125
100
105
110
115
120
125
130
135
tDLFF
tDHFF
tDLRR
tDHRR
Figure 6-6. Propagation Delays vs Temperature
Temperature (°C)
-40 -25 -10
5
20
35
50
65
80
95
110 125
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
IGL = -100mA
Figure 6-7. GL Output High Voltage vs Temperature
www.ti.com
LM2005
SNVSCB6B – FEBRUARY 2023 – REVISED SEPTEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: LM2005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com