Electronic Components Datasheet Search
  English  ▼

X  

LM2005 Datasheet(PDF) 12 Page - Texas Instruments

Part # LM2005
Description  LM2005 107-V, 0.5-A, 0.8-A Half-Bridge Driver with 8-V UVLO and Integrated Bootstrap Diode
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2005 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM2005 Datasheet HTML 8Page - Texas Instruments LM2005 Datasheet HTML 9Page - Texas Instruments LM2005 Datasheet HTML 10Page - Texas Instruments LM2005 Datasheet HTML 11Page - Texas Instruments LM2005 Datasheet HTML 12Page - Texas Instruments LM2005 Datasheet HTML 13Page - Texas Instruments LM2005 Datasheet HTML 14Page - Texas Instruments LM2005 Datasheet HTML 15Page - Texas Instruments LM2005 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
7.4 Device Functional Modes
The device operates in normal mode and UVLO mode. See Section 7.3.1 for more information on UVLO
operation mode. In normal mode, when the VGVDD and VBST–SH are above UVLO threshold, the output stage is
dependent on the states of the INH and INL pins. The outputs GH and GL will be low if input state is floating.
Table 7-3. Input/Output Logic in Normal Mode of Operation
INH
INL
GH(1)
GL(2)
L
L
L
L
L
H
L
H
H
L
H
L
H
H
H
H
Floating
Floating
L
L
(1)
GH is measured with respect to SH.
(2)
GL is measured with respect to GND.
8 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
8.1 Application Information
To operate power MOSFETs at high switching frequencies and to reduce associated switching losses, a powerful
gate driver is employed between the PWM output of controller and the gates of the power semiconductor
devices. Also, gate drivers are indispensable when it is impossible for the PWM controller to directly drive the
gates of the switching devices. With the advent of digital power, this situation is often encountered because
the PWM signal from the digital controller is often a 3.3-V logic signal which cannot effectively turn on a power
switch. Level-shift circuitry is needed to boost the 3.3-V signal to the gate-drive voltage (such as 12 V) to
fully turn on the power device and minimize conduction losses. Traditional buffer drive circuits based on NPN
and PNP bipolar transistors in totem-pole arrangement prove inadequate with digital power because they lack
level-shifting capability. Gate drivers effectively combine both the level-shifting and buffer-drive functions. Gate
drivers can also minimize the effect of high-frequency switching noise by being placed physically close to the
power switch. Additionally, gate drivers can drive gate-drive transformers and control floating power-device
gates, reducing the controller's power dissipation and thermal stress by moving the gate-charge power losses
into the driver.
LM2005
SNVSCB6B – FEBRUARY 2023 – REVISED SEPTEMBER 2023
www.ti.com
12
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: LM2005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com