Electronic Components Datasheet Search
  English  ▼

X  

LM2005 Datasheet(PDF) 14 Page - Texas Instruments

Part # LM2005
Description  LM2005 107-V, 0.5-A, 0.8-A Half-Bridge Driver with 8-V UVLO and Integrated Bootstrap Diode
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2005 Datasheet(HTML) 14 Page - Texas Instruments

Back Button LM2005 Datasheet HTML 10Page - Texas Instruments LM2005 Datasheet HTML 11Page - Texas Instruments LM2005 Datasheet HTML 12Page - Texas Instruments LM2005 Datasheet HTML 13Page - Texas Instruments LM2005 Datasheet HTML 14Page - Texas Instruments LM2005 Datasheet HTML 15Page - Texas Instruments LM2005 Datasheet HTML 16Page - Texas Instruments LM2005 Datasheet HTML 17Page - Texas Instruments LM2005 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
8.2.1 Design Requirements
Table 8-1 lists the design parameters of the LM2005.
Table 8-1. Design Example
PARAMETER
VALUE
Gate Driver
LM2005
MOSFET
CSD19534KCS
VDD
12 V
QG
17 nC
fSW
50 kHz
8.2.2 Detailed Design Procedure
8.2.2.1 Select Bootstrap and GVDD Capacitor
The bootstrap capacitor must maintain the VBST-SH voltage above the UVLO threshold for normal operation.
Calculate the maximum allowable drop across the bootstrap capacitor with Equation 1.
∆VBST =VGVDD−VDH−VBSTL=12V−2.1V−8.05V=1.85V
(1)
where
• VGVDD = Supply voltage of the gate drive IC
• VDH = Bootstrap diode forward voltage drop
• VBSTL = BST falling threshold (VBSTR(max) - VBSTHYS)
Then, the total charge needed per switching cycle is estimated by Equation 2.
QTOTAL=QG+IBSTS×DMAXfSW+IBSTfSW=17nC+33.3μA× 0.9550kHz+150μA50kHz=20nC
(2)
where
• QG = Total MOSFET gate charge
• IBSTS = BST to VSS leakage current
• DMax = Converter maximum duty cycle
• IBST = BST quiescent current
Next, use Equation 3 to estimate the minimum bootstrap capacitor value.
CBOOT MIN =QTOTAL
∆VBST =20nC1.85V=10.8nF
(3)
In practice, the value of the CBoot capacitor must be greater than calculated to allow for situations where the
power stage may skip pulse due to load transients. Equation 4 can be used to estimate the recommended
bootstrap capacitance based on the maximum bootstrap voltage ripple desired for a specific application.
CBOOT > QTOTAL
∆VBST_RIPPLE
(4)
where
• ∆VBST_RIPPLE = Maximum allowable voltage drop across the bypass capacitor based on system requirements
TI recommends having enough margins and to place the bootstrap capacitor as close to the BST and SH pins as
possible.
CBOOT = 100 nF
(5)
LM2005
SNVSCB6B – FEBRUARY 2023 – REVISED SEPTEMBER 2023
www.ti.com
14
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: LM2005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com