Electronic Components Datasheet Search
  English  ▼

X  

LM2005 Datasheet(PDF) 1 Page - Texas Instruments

Part # LM2005
Description  LM2005 107-V, 0.5-A, 0.8-A Half-Bridge Driver with 8-V UVLO and Integrated Bootstrap Diode
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2005 Datasheet(HTML) 1 Page - Texas Instruments

  LM2005 Datasheet HTML 1Page - Texas Instruments LM2005 Datasheet HTML 2Page - Texas Instruments LM2005 Datasheet HTML 3Page - Texas Instruments LM2005 Datasheet HTML 4Page - Texas Instruments LM2005 Datasheet HTML 5Page - Texas Instruments LM2005 Datasheet HTML 6Page - Texas Instruments LM2005 Datasheet HTML 7Page - Texas Instruments LM2005 Datasheet HTML 8Page - Texas Instruments LM2005 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
LM2005 107-V, 0.5-A, 0.8-A Half-Bridge Driver with
8-V UVLO and Integrated Bootstrap Diode
1 Features
• Drives two N-channel MOSFETs in half-bridge
configuration
• Integrated bootstrap diode
• 8-V typical undervoltage lockout on GVDD
• 107-V absolute maximum voltage on BST
• –19.5-V absolute maximum negative transient
voltage handling on SH
• 0.5-A/0.8-A peak source/sink currents
• 115-ns typical propagation delay
2 Applications
• Brushless-DC (BLDC) motors
• Permanent magnet synchronous motors (PMSM)
• Cordless vacuum cleaners
• Cordless garden and power tools
• E-bikes and e-scooters
• Battery test equipment
• Offline uninterruptible power supply (UPS)
• General-purpose MOSFET or IGBT driver
3 Description
The LM2005 is a compact, high-voltage gate driver
designed to drive both the high-side and the low-
side N-channel MOSFETs in a synchronous buck or
a half-bridge configuration. The integrated bootstrap
diode saves board space and reduces system cost by
eliminating the need for an external discrete diode.
The –1-V DC and –19.5-V transient negative
voltage handling on the SH pin improve the system
robustness in high noise applications. The small,
thermally-enhanced 8-pin WSON package improves
PCB layout by allowing the driver to be placed closer
to the motor phases. The LM2005 is also available
in an 8-pin SOIC package compatible with industry
standard pinouts. Undervoltage lockout (UVLO) is
provided on both the low-side and the high-side power
rails for protection during power up and power down.
Device Information
PART NUMBER
PACKAGE(1)
BODY SIZE (NOM)
LM2005
D (SOIC, 8)
4.90 mm × 3.91 mm
DSG (WSON, 8)
2.00 mm × 2.00 mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
V
IN
V
BIAS
GVDD
INH
INL
GND
SH
GL
GH
BST
LOAD
1
2
3
4
8
7
6
5
Simplified Application Diagram
LM2005
SNVSCB6B – FEBRUARY 2023 – REVISED SEPTEMBER 2023
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LM2005

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2005 NSC-LM2005 Datasheet
205Kb / 8P
LM2005 20 Watt Automotive Power Amplifier
logo
LightKey Optoelectronic...
LM20057AB LIGHTKEY-LM20057AB Datasheet
192Kb / 3P
2.00 inch 5x7 Dot Matrix LED Display
LM20057ABRG LIGHTKEY-LM20057ABRG Datasheet
169Kb / 3P
2.00 inch 5x7 Dual Color Dot Matrix LED Display
LM20057AD LIGHTKEY-LM20057AD Datasheet
192Kb / 3P
2.00 inch 5x7 Dot Matrix LED Display
LM20057AG LIGHTKEY-LM20057AG Datasheet
192Kb / 3P
2.00 inch 5x7 Dot Matrix LED Display
More results

Similar Description - LM2005

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
2ED2109S06F INFINEON-2ED2109S06F Datasheet
1Mb / 26P
650 V half bridge gate driver with integrated bootstrap diode
V 2.22 2020-07-02
logo
Texas Instruments
UCC27288 TI-UCC27288_V02 Datasheet
1Mb / 32P
UCC27288 2.5-A/3.5-A 120-V Half-Bridge Driver with 8-V UVLO and External Bootstrap Diode
LM2105 TI-LM2105 Datasheet
1Mb / 25P
LM2105 105-V, 0.5-A/0.8-A Half-Bridge Driver with 5-V UVLO and Integrated Bootstrap Diode
REVISED MARCH 2023
logo
Infineon Technologies A...
2ED28073J06F INFINEON-2ED28073J06F Datasheet
1Mb / 26P
600 V half-bridge gate driver with integrated bootstrap diode
V 2.0 2020-04-23
logo
Texas Instruments
LM2105 TI-LM2105_V01 Datasheet
1Mb / 28P
LM2105 105-V, 0.5-A, 0.8-A Half-Bridge Driver with 5-V UVLO and Integrated Bootstrap Diode
REVISED MAY 2023
LM2103 TI1-LM2103 Datasheet
1Mb / 29P
LM2103 107-V, 0.5-A/0.8-A Half-Bridge Driver with 8-V UVLO, Dead Time, and Inverting Input
REVISED AUGUST 2023
UCC27311A-Q1 TI1-UCC27311A-Q1 Datasheet
1Mb / 27P
UCC27311A-Q1 Automotive 120-V, 3.7-A/4.5-A Half-Bridge Driver with 8-V UVLO, Integrated Bootstrap Diode, and Enable
REVISED AUGUST 2023
LM2101 TI-LM2101 Datasheet
2Mb / 33P
LM2101 107-V, 0.5-A, 0.8-A Half-Bridge Driver with 8-V UVLO
REVISED SEPTEMBER 2023
LM2104 TI-LM2104 Datasheet
1Mb / 28P
LM2104 107-V, 0.5-A, 0.8-A Half-Bridge Driver with 8-V UVLO, Dead Time, and Shutdown Pin
REVISED OCTOBER 2023
LM2105 TI-LM2105_V02 Datasheet
2Mb / 32P
LM2105 107-V, 0.5-A, 0.8-A Half-Bridge Driver with 5-V UVLO and Integrated Bootstrap Diode
REVISED SEPTEMBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com