Electronic Components Datasheet Search
  English  ▼

X  

LM2005 Datasheet(PDF) 17 Page - Texas Instruments

Part # LM2005
Description  LM2005 107-V, 0.5-A, 0.8-A Half-Bridge Driver with 8-V UVLO and Integrated Bootstrap Diode
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2005 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LM2005 Datasheet HTML 13Page - Texas Instruments LM2005 Datasheet HTML 14Page - Texas Instruments LM2005 Datasheet HTML 15Page - Texas Instruments LM2005 Datasheet HTML 16Page - Texas Instruments LM2005 Datasheet HTML 17Page - Texas Instruments LM2005 Datasheet HTML 18Page - Texas Instruments LM2005 Datasheet HTML 19Page - Texas Instruments LM2005 Datasheet HTML 20Page - Texas Instruments LM2005 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
8.2.3 Application Curves
Figure 8-2 and Figure 8-3 show the rise times and turn-on propagation delays for the low side driver and the high
side driver respectively. Likewise, Figure 8-4 and Figure 8-5 show the fall times and turn-off propagation delays.
Each channel (INH, INL, GH, and GL) is labeled and displayed on the left hand of the waveforms.
The testing condition: load capacitance is 1 nF, gate resistor is 4 Ω, VDD = 12 V, fSW = 50 kHz.
CL = 1 nF
RG = 4 Ω
VGVDD = 12 V fSW = 50 kHz
Figure 8-2. GL Rise Time and INL to GL Turn-on
Propagation Delay
CL = 1 nF
RG = 4 Ω
VGVDD = 12 V fSW = 50 kHz
Figure 8-3. GH Rise Time and INH to GH Turn-on
Propagation Delay
CL = 1 nF
RG = 4 Ω
VDD = 12 V
fSW = 50 kHz
Figure 8-4. GL Fall Time and INL to GL Turn-off
Propagation Delay
CL = 1 nF
RG = 4 Ω
VDD = 12 V
fSW = 50 kHz
Figure 8-5. GH Fall Time and INH to GH Turn-off
Propagation Delay
9 Power Supply Recommendations
The recommended bias supply voltage range for LM2005 is from 9 V to 18 V. The lower end of this range is
governed by the internal undervoltage lockout (UVLO) protection feature of the VGVDD supply circuit blocks. The
upper end of this range is driven by the 18-V recommended maximum voltage rating of the GVDD pin. It is
recommened that the voltage on GVDD pin is lower than the maximum recommended voltage to account for
transient voltage spikes.
The UVLO protection feature also involves a hysteresis function. This means that once the device is operating
in normal mode, if the VGVDD voltage drops, the device continues to operate in normal mode as long as the
voltage drop does not exceed the hysteresis specification, VDDHYS. If the voltage drop is more than hysteresis
specification, the device shuts down. Therefore, while operating at or near the 9-V range, the voltage ripple on
the auxiliary power supply output must be smaller than the hysteresis specification of LM2005 to avoid triggering
device-shutdown.
A local bypass capacitor must be placed between the GVDD and GND pins and this capacitor must be
located as close to the device as possible. A low-ESR, ceramic surface mount capacitor is recommended.
www.ti.com
LM2005
SNVSCB6B – FEBRUARY 2023 – REVISED SEPTEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: LM2005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com