Electronic Components Datasheet Search
  English  ▼

X  

INA849 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # INA849
Description  PGA855 Low-Noise, Wide-Bandwidth, Fully Differential Output Programmable-Gain Instrumentation Amplifier
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA849 Datasheet(HTML) 12 Page - Texas Instruments

Back Button INA849 Datasheet HTML 8Page - Texas Instruments INA849 Datasheet HTML 9Page - Texas Instruments INA849 Datasheet HTML 10Page - Texas Instruments INA849 Datasheet HTML 11Page - Texas Instruments INA849 Datasheet HTML 12Page - Texas Instruments INA849 Datasheet HTML 13Page - Texas Instruments INA849 Datasheet HTML 14Page - Texas Instruments INA849 Datasheet HTML 15Page - Texas Instruments INA849 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 42 page
background image
7.6 Typical Characteristics (continued)
at TA = 25°C, VS = VSOUT = ±15 V, VICM = VOCM = 0 V, RL = 10 kΩ, and G = 1 V/V (unless otherwise noted)
Input Offset Current (nA)
0
10
20
30
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
N = 59
Mean = –0.007 nA
Std. dev. = 0.142 nA
Figure 7-15. Distribution of Input Offset Current
Temperature ( C)
-40
-20
0
20
40
60
80
100
120
140
-2
-1.6
-1.2
-0.8
-0.4
0
0.4
0.8
1.2
1.6
2
Mean
+3
-3
59 units, 1 wafer lot
Figure 7-16. Input Offset Current vs Temperature
Temperature ( C)
-40
-20
0
20
40
60
80
100
120
140
-400
-300
-200
-100
0
100
200
300
400
Mean
+3
-3
G = 16 V/V
53 units, 1 wafer lot
Figure 7-17. Offset Voltage (RTI) vs Temperature
G = 1 V/V
53 units, 1 wafer lot
Figure 7-18. Offset Voltage (RTI) vs Temperature
Temperature ( C)
-40
-20
0
20
40
60
80
100
120
140
-4000
-3200
-2400
-1600
-800
0
800
1600
2400
3200
4000
Mean
+3
-3
G = 0.125 V/V
53 units, 1 wafer lot
Figure 7-19. Offset Voltage (RTI) vs Temperature
Input Common Mode Voltage (V)
-14 -12 -10 -8
-6
-4
-2
0
2
4
6
8
10 12 14
-1500
-1000
-500
0
500
1000
1500
G = 0.125
G = 0.25
G = 0.5
G = 1
G = 2
G = 4
G = 8
G = 16
CM Range
Typical unit shown
Figure 7-20. Offset Voltage (RTI) vs
Input Common
‑Mode Voltage
PGA855
SBOSAE0B – APRIL 2023 – REVISED SEPTEMBER 2023
www.ti.com
12
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: PGA855



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com