Electronic Components Datasheet Search
  English  ▼

X  

INA849 Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # INA849
Description  PGA855 Low-Noise, Wide-Bandwidth, Fully Differential Output Programmable-Gain Instrumentation Amplifier
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA849 Datasheet(HTML) 28 Page - Texas Instruments

Back Button INA849 Datasheet HTML 24Page - Texas Instruments INA849 Datasheet HTML 25Page - Texas Instruments INA849 Datasheet HTML 26Page - Texas Instruments INA849 Datasheet HTML 27Page - Texas Instruments INA849 Datasheet HTML 28Page - Texas Instruments INA849 Datasheet HTML 29Page - Texas Instruments INA849 Datasheet HTML 30Page - Texas Instruments INA849 Datasheet HTML 31Page - Texas Instruments INA849 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 42 page
background image
The R-C-R differential low-pass filter at the input of the instrumentation amplifier helps reduce EMI/RFI high-
frequency extrinsic noise. This filter can be customized per the bandwidth and application requirements. This
design example (see Figure 9-6) suggests a filter with the capacitor ratio of CIN_DIFF = 10 × CIN_CM. Using the
10-to-1 ratio for differential capacitor CIN_DIFF versus common-mode capacitors CIN_CM offers good differential
and common-mode noise rejection, and this arrangement tends to be less sensitive to the tolerance variation
and mismatch of the filter capacitors.
The feedback capacitor, CFB, is in parallel with the PGA855 output-stage 5-kΩ feedback resistors to implement
additional noise filtering. The internal resistors have ±15 % absolute resistance variation, and this variation must
be taken in to account when implementing noise filtering. In this example, CFB is set to 25 pF, providing a typical
f–3dB corner frequency of 1 MHz. The estimated minimum f–3dB corner frequency for this circuit is approximately
938 kHz when accounting for the feedback-resistor variation.
The filter at the ADS127Lx1 inputs works as a charge reservoir to filter the sampled input of the ADC. The
charge reservoir reduces the instantaneous charge demand of the amplifier, maintaining low distortion and low
gain error that otherwise can degrade because of incomplete amplifier settling. The ADC input filter values are
RFIL = 47.4 Ω, CDIFF = 560 pF, and CCM = 51 pF. The ADC input precharge buffers significantly reduce the
sample-phase input charge that raises the ADC input impedance to decrease gain error.
High-grade COG (NPO) are used everywhere in the signal path (CIN_DIFF, CIN_CM, CFB, CDIFF, CCM) for
low distortion. Among ceramic surface-mount capacitors, COG (NPO) ceramic capacitors provide the best
capacitance accuracy. The type of dielectric used in COG (NPO) ceramic capacitors provides the most stable
electrical properties over voltage, frequency, and temperature changes.
9.2.1.3 Application Curves
Frequency (Hz)
-200
-180
-160
-140
-120
-100
-80
-60
-40
-20
0
100
1000
10000
10000
G = 1 V/V, fIN = 1 kHz, SNR = 109.6 dB, THD = –121.4 dB
Figure 9-7. Performance FFT Plots With
ADS127L11, OSR = 64, Sinc4 Filter
Frequency (Hz)
-220
-200
-180
-160
-140
-120
-100
-80
-60
-40
-20
0
100
1000
10000
10000
G = 1 V/V, fIN = 1 kHz, SNR = 107.6 dB, THD = –121.4 dB
Figure 9-8. Performance FFT Plots With
ADS127L11, OSR = 64, Wideband Filter
PGA855
SBOSAE0B – APRIL 2023 – REVISED SEPTEMBER 2023
www.ti.com
28
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: PGA855



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com