Electronic Components Datasheet Search
  English  ▼

X  

INA849 Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # INA849
Description  PGA855 Low-Noise, Wide-Bandwidth, Fully Differential Output Programmable-Gain Instrumentation Amplifier
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA849 Datasheet(HTML) 26 Page - Texas Instruments

Back Button INA849 Datasheet HTML 22Page - Texas Instruments INA849 Datasheet HTML 23Page - Texas Instruments INA849 Datasheet HTML 24Page - Texas Instruments INA849 Datasheet HTML 25Page - Texas Instruments INA849 Datasheet HTML 26Page - Texas Instruments INA849 Datasheet HTML 27Page - Texas Instruments INA849 Datasheet HTML 28Page - Texas Instruments INA849 Datasheet HTML 29Page - Texas Instruments INA849 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 42 page
background image
9.2 Typical Applications
9.2.1 ADS127L11 and ADS127L21, 24-Bit, Delta-Sigma ADC Driver Circuit
The application circuit in Figure 9-6 shows a schematic for a 24-bit wide-bandwidth, delta-sigma ADC. The
ADS127Lx1 ADC offers two digital filters to optimize ac applications (wideband filter) or dc applications (sinc4
filter). Table 9-2 and Table 9-3 show measurement results in both filter settings. For a detailed design procedure
to operate the ADS127Lx1 ADC, see the ADS127Lx1EVM-PDK evaluation module user's guide.
+
–
OUT+
IN
IN+
OUT
VOCM
5 k
5 k
5 k
5 k
ADS127L11
1x Input Range
INP
INN
FDA_IN
FDA_IN+
PGA855
+
–
VIN+
VIN
VO = G × (VIN+
VIN )
+
VO
Gain Network
A0
A1
A2
A0
A1
A2
DGND
DGND
VREF
AVDD
CFB
25 pF
CFB
25 pF
RFIL
47.4
RFIL
47.4
CDIFF
560 pF
CCM
51 pF
CCM
51 pF
1 k
1000 pF
ADS127L11
VCM Pin
VS+
VS
15 V
100 nF
5 V
5 V
15 V
100 nF
LVDD
LVSS
AVSS
4.096 V
RFIL_Optional
RFIL_Optional
CIN_DIFF
10 ×
CIN_CM
1 ×
CIN_CM
1 ×
100 nF
Figure 9-6. Driving the ADS127Lx1 Delta-Sigma ADC
9.2.1.1 Design Requirements
The design requirements for the application driving the ADS127Lx1 ADC are listed in the following table.
Table 9-1. Design Parameters
PARAMETER
VALUE
Differential-to-differential conversion
VINDIFF to VOUTDIFF
Supply voltages
VS± = ±15 V, VLVDD = 5 V, VLVSS = GND, VREF = 4.096 V
Full-scale range of ADC
FSR = ± 4.096 V
Data rate of ADC
fDATA = 187.5 kSPS
ADC filter configuration
(1) High-speed mode, Sinc4 filter, OSR = 64
(2) High-speed mode, Wideband filter, OSR = 64
PGA gain
See Table 9-2 and Table 9-3
Signal frequency
Tested at fIN = 1 kHz
RC kickback filter(1)
RFIL = 47.4 Ω, CDIFF = 560 pF, CCM = 51 pF
(1)
Consider a trade-off between THD, frequency response, and drift. The differential current drift
into the ADC can interact with the filter resistors and result in higher drift errors. However, lower
resistance degrades the phase margin of the PGA855. For low drift applications, keep RFIL < 50 Ω.
PGA855
SBOSAE0B – APRIL 2023 – REVISED SEPTEMBER 2023
www.ti.com
26
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: PGA855



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com