Electronic Components Datasheet Search
  English  ▼

X  

INA849 Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # INA849
Description  PGA855 Low-Noise, Wide-Bandwidth, Fully Differential Output Programmable-Gain Instrumentation Amplifier
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA849 Datasheet(HTML) 27 Page - Texas Instruments

Back Button INA849 Datasheet HTML 23Page - Texas Instruments INA849 Datasheet HTML 24Page - Texas Instruments INA849 Datasheet HTML 25Page - Texas Instruments INA849 Datasheet HTML 26Page - Texas Instruments INA849 Datasheet HTML 27Page - Texas Instruments INA849 Datasheet HTML 28Page - Texas Instruments INA849 Datasheet HTML 29Page - Texas Instruments INA849 Datasheet HTML 30Page - Texas Instruments INA849 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 42 page
background image
9.2.1.2 Detailed Design Procedure
Table 9-2 and Table 9-3 show the typical signal-to-noise (SNR) and total harmonic distortion (THD) of the
PGA855 driving the ADS127Lx1 delta-sigma ADC using a sinc4 or wideband filter. Figure 9-7 and Figure 9-8
show the respective FFT plots. For the SNR and THD measurements, a 1
‑kHz differential signal is applied. The
signal amplitude is adjusted to produce a PGA855 output at –0.2 dBFS of the ADC full-scale range. For a list of
the equivalent input voltage amplitude signals for the different PGA855 gain configurations, see Table 9-2 and
Table 9-3. At gain = 1 V/V, the design achieves –121.4
‑dB THD and 109.1‑dB SNR.
Table 9-2. PGA855 and ADS127Lx1 FFT Data Summary, OSR = 64, Sinc4 Filter
PGA GAIN (V/V)
INPUT AMPLITUDE (VPP)
SNR (dB)
THD (dB)
ENOB (Bits)
0.125
40.0
106.0
–119.6
17.5
0.25
32.022
109.0
–119.3
17.8
0.5
16.012
109.8
–121.2
17.9
1
8.006
109.6
–121.4
17.9
2
4.002
109.6
–121.4
17.9
4
2.002
107.4
–121.4
17.5
8
1.0
104.0
–121.4
17.0
16
0.5
99.1
–117.0
16.2
Table 9-3. PGA855 and ADS127Lx1 FFT Data Summary, OSR = 64, Wideband Filter
PGA GAIN (V/V)
INPUT AMPLITUDE (VPP)
SNR (dB)
THD (dB)
ENOB (Bits)
0.125
40.0
106.0
–119.6
17.3
0.25
32.022
107.5
–119.0
17.5
0.5
16.012
107.7
–121.2
17.6
1
8.006
107.6
–121.4
17.6
2
4.002
107.0
–121.4
17.5
4
2.002
105.4
–121.4
17.2
8
1.0
101.7
–121.4
16.6
16
0.5
96.7
–117.0
15.8
www.ti.com
PGA855
SBOSAE0B – APRIL 2023 – REVISED SEPTEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
27
Product Folder Links: PGA855



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com