Electronic Components Datasheet Search
  English  ▼

X  

INA849 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # INA849
Description  PGA855 Low-Noise, Wide-Bandwidth, Fully Differential Output Programmable-Gain Instrumentation Amplifier
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA849 Datasheet(HTML) 14 Page - Texas Instruments

Back Button INA849 Datasheet HTML 10Page - Texas Instruments INA849 Datasheet HTML 11Page - Texas Instruments INA849 Datasheet HTML 12Page - Texas Instruments INA849 Datasheet HTML 13Page - Texas Instruments INA849 Datasheet HTML 14Page - Texas Instruments INA849 Datasheet HTML 15Page - Texas Instruments INA849 Datasheet HTML 16Page - Texas Instruments INA849 Datasheet HTML 17Page - Texas Instruments INA849 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 42 page
background image
7.6 Typical Characteristics (continued)
at TA = 25°C, VS = VSOUT = ±15 V, VICM = VOCM = 0 V, RL = 10 kΩ, and G = 1 V/V (unless otherwise noted)
Frequency (Hz)
20
30
40
50
60
70
80
90
100
110
120
130
140
150
160
1
10
100
1k
10k
100k
1M
Typical unit shown
Figure 7-27. Positive PSRR vs Frequency
Frequency (Hz)
20
30
40
50
60
70
80
90
100
110
120
130
140
150
160
1
10
100
1k
10k
100k
1M
Typical unit shown
Figure 7-28. Negative PSRR vs Frequency
Power Supply Rejection Ratio ( V/V)
0
10
20
30
40
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
N = 2500
Mean = 0.13 µV/V
Std. dev. = 0.06 µV/V
G = 16 V/V
Figure 7-29. PSRR Distribution
Power Supply Rejection Ratio ( V/V)
0
10
20
30
40
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
N = 2500
Mean = 0.17 µV/V
Std. dev. = 0.08 µV/V
G = 1 V/V
Figure 7-30. PSRR Distribution
Power Supply Rejection Ratio ( V/V)
0
5
10
15
20
25
30
35
40
-4
-3
-1
1
3
-4
-2
0
2
4
N = 2500
Mean = 0.38 µV/V
Std. dev. = 0.48 µV/V
G = 0.125 V/V
Figure 7-31. PSRR Distribution
Differential Output Voltage (V)
-12
-8
-4
0
4
8
12
-5
-4
-3
-2
-1
0
1
2
3
4
5
G = 16 V/V
VOUTDIFF = 10 V
Figure 7-32. Gain Nonlinearity
PGA855
SBOSAE0B – APRIL 2023 – REVISED SEPTEMBER 2023
www.ti.com
14
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: PGA855



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com