Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA48 Datasheet(PDF) 287 Page - ATMEL Corporation

Part # ATMEGA48
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  374 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA48 Datasheet(HTML) 287 Page - ATMEL Corporation

Back Button ATMEGA48 Datasheet HTML 283Page - ATMEL Corporation ATMEGA48 Datasheet HTML 284Page - ATMEL Corporation ATMEGA48 Datasheet HTML 285Page - ATMEL Corporation ATMEGA48 Datasheet HTML 286Page - ATMEL Corporation ATMEGA48 Datasheet HTML 287Page - ATMEL Corporation ATMEGA48 Datasheet HTML 288Page - ATMEL Corporation ATMEGA48 Datasheet HTML 289Page - ATMEL Corporation ATMEGA48 Datasheet HTML 290Page - ATMEL Corporation ATMEGA48 Datasheet HTML 291Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 287 / 374 page
background image
287
2545J–AVR–12/06
ATmega48/88/168
Note:
1. The default value of BOOTSZ1..0 results in maximum Boot Size. See Table 26-11 on page
290 for details.
Notes:
1. See ”Alternate Functions of Port C” on page 81 for description of RSTDISBL Fuse.
2. The SPIEN Fuse is not accessible in serial programming mode.
3. See ”WDTCSR – Watchdog Timer Control Register” on page 53 for details.
4. See Table 27-4 on page 307 for BODLEVEL Fuse decoding.
Table 26-5.
Extended Fuse Byte for mega88/168
Extended Fuse Byte
Bit No
Description
Default Value
–7
–
1
–6
–
1
–5
–
1
–4
–
1
–3
–
1
BOOTSZ1
2
Select Boot Size
(see Table 25-6 on page 281
and Table 25-9 on page 282
for details)
0 (programmed)(1)
BOOTSZ0
1
Select Boot Size
(see Table 25-6 on page 281
and Table 25-9 on page 282
for details)
0 (programmed)(1)
BOOTRST
0
Select Reset Vector
1 (unprogrammed)
Table 26-6.
Fuse High Byte
High Fuse Byte
Bit No
Description
Default Value
RSTDISBL(1)
7
External Reset Disable
1 (unprogrammed)
DWEN
6
debugWIRE Enable
1 (unprogrammed)
SPIEN(2)
5
Enable Serial Program and
Data Downloading
0 (programmed, SPI
programming enabled)
WDTON(3)
4
Watchdog Timer Always On
1 (unprogrammed)
EESAVE
3
EEPROM memory is
preserved through the Chip
Erase
1 (unprogrammed), EEPROM
not reserved
BODLEVEL2(4)
2
Brown-out Detector trigger
level
1 (unprogrammed)
BODLEVEL1(4)
1
Brown-out Detector trigger
level
1 (unprogrammed)
BODLEVEL0(4)
0
Brown-out Detector trigger
level
1 (unprogrammed)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com