Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA48 Datasheet(PDF) 289 Page - ATMEL Corporation

Part # ATMEGA48
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  374 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA48 Datasheet(HTML) 289 Page - ATMEL Corporation

Back Button ATMEGA48 Datasheet HTML 285Page - ATMEL Corporation ATMEGA48 Datasheet HTML 286Page - ATMEL Corporation ATMEGA48 Datasheet HTML 287Page - ATMEL Corporation ATMEGA48 Datasheet HTML 288Page - ATMEL Corporation ATMEGA48 Datasheet HTML 289Page - ATMEL Corporation ATMEGA48 Datasheet HTML 290Page - ATMEL Corporation ATMEGA48 Datasheet HTML 291Page - ATMEL Corporation ATMEGA48 Datasheet HTML 292Page - ATMEL Corporation ATMEGA48 Datasheet HTML 293Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 289 / 374 page
background image
289
2545J–AVR–12/06
ATmega48/88/168
26.5
Page Size
26.6
Parallel Programming Parameters, Pin Mapping, and Commands
This section describes how to parallel program and verify Flash Program memory, EEPROM
Data memory, Memory Lock bits, and Fuse bits in the ATmega48/88/168. Pulses are assumed
to be at least 250 ns unless otherwise noted.
26.6.1
Signal Names
In this section, some pins of the ATmega48/88/168 are referenced by signal names describing
their functionality during parallel programming, see Figure 26-1 and Table 26-11. Pins not
described in the following table are referenced by pin names.
The XA1/XA0 pins determine the action executed when the XTAL1 pin is given a positive pulse.
The bit coding is shown in Table 26-13.
When pulsing WR or OE, the command loaded determines the action executed. The different
Commands are shown in Table 26-14.
Table 26-9.
No. of Words in a Page and No. of Pages in the Flash
Device
Flash Size
Page Size
PCWORD
No. of
Pages
PCPAGE
PCMSB
ATmega48
2K words
(4K bytes)
32 words
PC[4:0]
64
PC[10:5]
10
ATmega88
4K words
(8K bytes)
32 words
PC[4:0]
128
PC[11:5]
11
ATmega168
8K words
(16K bytes)
64 words
PC[5:0]
128
PC[12:6]
12
Table 26-10. No. of Words in a Page and No. of Pages in the EEPROM
Device
EEPROM
Size
Page
Size
PCWORD
No. of
Pages
PCPAGE
EEAMSB
ATmega48
256 bytes
4 bytes
EEA[1:0]
64
EEA[7:2]
7
ATmega88
512 bytes
4 bytes
EEA[1:0]
128
EEA[8:2]
8
ATmega168
512 bytes
4 bytes
EEA[1:0]
128
EEA[8:2]
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com