Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA48 Datasheet(PDF) 321 Page - ATMEL Corporation

Part # ATMEGA48
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  374 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA48 Datasheet(HTML) 321 Page - ATMEL Corporation

Back Button ATMEGA48 Datasheet HTML 317Page - ATMEL Corporation ATMEGA48 Datasheet HTML 318Page - ATMEL Corporation ATMEGA48 Datasheet HTML 319Page - ATMEL Corporation ATMEGA48 Datasheet HTML 320Page - ATMEL Corporation ATMEGA48 Datasheet HTML 321Page - ATMEL Corporation ATMEGA48 Datasheet HTML 322Page - ATMEL Corporation ATMEGA48 Datasheet HTML 323Page - ATMEL Corporation ATMEGA48 Datasheet HTML 324Page - ATMEL Corporation ATMEGA48 Datasheet HTML 325Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 321 / 374 page
background image
321
2545J–AVR–12/06
ATmega48/88/168
Figure 28-12. Idle Supply Current vs. V
CC (32 kHz External Oscillator)
28.3
Supply Current of I/O modules
The tables and formulas below can be used to calculate the additional current consumption for
the different I/O modules in Active and Idle mode. The enabling or disabling of the I/O modules
are controlled by the Power Reduction Register. See ”Power Reduction Register” on page 41 for
details.
IDLE SUPPLY CURRENT vs. VCC
32 kHz EXTERNAL OSCILLATOR
25 °C
0
5
10
15
20
25
30
1.5
2
2.5
3
3.5
4
4.5
5
5.5
VCC (V)
Table 28-1.
Additional Current Consumption for the different I/O modules (absolute values)
PRR bit
Typical numbers
VCC = 2V, F = 1MHz
VCC = 3V, F = 4MHz
VCC = 5V, F = 8MHz
PRUSART0
8.0 uA
51 uA
220 uA
PRTWI
12 uA
75 uA
315 uA
PRTIM2
11 uA
72 uA
300 uA
PRTIM1
5.0 uA
32 uA
130 uA
PRTIM0
4.0 uA
24 uA
100 uA
PRSPI
15 uA
95 uA
400 uA
PRADC
12 uA
75 uA
315 uA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com