Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA48 Datasheet(PDF) 322 Page - ATMEL Corporation

Part # ATMEGA48
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  374 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA48 Datasheet(HTML) 322 Page - ATMEL Corporation

Back Button ATMEGA48 Datasheet HTML 318Page - ATMEL Corporation ATMEGA48 Datasheet HTML 319Page - ATMEL Corporation ATMEGA48 Datasheet HTML 320Page - ATMEL Corporation ATMEGA48 Datasheet HTML 321Page - ATMEL Corporation ATMEGA48 Datasheet HTML 322Page - ATMEL Corporation ATMEGA48 Datasheet HTML 323Page - ATMEL Corporation ATMEGA48 Datasheet HTML 324Page - ATMEL Corporation ATMEGA48 Datasheet HTML 325Page - ATMEL Corporation ATMEGA48 Datasheet HTML 326Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 322 / 374 page
background image
322
2545J–AVR–12/06
ATmega48/88/168
It is possible to calculate the typical current consumption based on the numbers from Table 2 for
other V
CC and frequency settings than listed in Table 1.
28.3.0.1
Example 1
Calculate the expected current consumption in idle mode with USART0, TIMER1, and TWI
enabled at V
CC = 3.0V and F = 1MHz. From Table 2, third column, we see that we need to add
18% for the USART0, 26% for the TWI, and 11% for the TIMER1 module. Reading from Figure
3, we find that the idle current consumption is ~0,075mA at V
CC = 3.0V and F = 1MHz. The total
current consumption in idle mode with USART0, TIMER1, and TWI enabled, gives:
28.3.0.2
Example 2
Same conditions as in example 1, but in active mode instead. From Table 2, second column we
see that we need to add 3.3% for the USART0, 4.8% for the TWI, and 2.0% for the TIMER1
module. Reading from Figure 1, we find that the active current consumption is ~0,42mA at V
CC =
3.0V and F = 1MHz. The total current consumption in idle mode with USART0, TIMER1, and
TWI enabled, gives:
28.3.0.3
Example 3
All I/O modules should be enabled. Calculate the expected current consumption in active mode
at V
CC = 3.6V and F = 10MHz. We find the active current consumption without the I/O modules
to be ~ 4.0mA (from Figure 2). Then, by using the numbers from Table 2 - second column, we
find the total current consumption:
Table 28-2.
Additional Current Consumption (percentage) in Active and Idle mode
PRR bit
Additional Current consumption
compared to Active with external
clock
(see Figure 28-1 and Figure 28-2)
Additional Current consumption
compared to Idle with external clock
(see Figure 28-7 and Figure 28-8)
PRUSART0
3.3%
18%
PRTWI
4.8%
26%
PRTIM2
4.7%
25%
PRTIM1
2.0%
11%
PRTIM0
1.6%
8.5%
PRSPI
6.1%
33%
PRADC
4.9%
26%
ICCtotal
0,075mA
10,180,26
0,11
+++
()
•
0,116mA
≈≈
ICCtotal
0,42mA
1
0,033
0,048
0,02
+++
()
•
0,46mA
≈≈
ICCtotal
4,0mA
1
0,033
0,048
0,047
0,02
0,016
0,061
0,049
++++
++
+
()
•
5,1mA
≈≈



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com