Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA48 Datasheet(PDF) 357 Page - ATMEL Corporation

Part # ATMEGA48
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  374 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA48 Datasheet(HTML) 357 Page - ATMEL Corporation

Back Button ATMEGA48 Datasheet HTML 353Page - ATMEL Corporation ATMEGA48 Datasheet HTML 354Page - ATMEL Corporation ATMEGA48 Datasheet HTML 355Page - ATMEL Corporation ATMEGA48 Datasheet HTML 356Page - ATMEL Corporation ATMEGA48 Datasheet HTML 357Page - ATMEL Corporation ATMEGA48 Datasheet HTML 358Page - ATMEL Corporation ATMEGA48 Datasheet HTML 359Page - ATMEL Corporation ATMEGA48 Datasheet HTML 360Page - ATMEL Corporation ATMEGA48 Datasheet HTML 361Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 357 / 374 page
background image
357
2545J–AVR–12/06
ATmega48/88/168
33.1.4
Rev A
• Part may hang in reset
• Wrong values read after Erase Only operation
• Watchdog Timer Interrupt disabled
• Start-up time with Crystal Oscillator is higher than expected
• High Power Consumption in Power-down with External Clock
• Asynchronous Oscillator does not stop in Power-down
• Interrupts may be lost when writing the timer registers in the asynchronous timer
1.
Part may hang in reset
Some parts may get stuck in a reset state when a reset signal is applied when the internal
reset state-machine is in a specific state. The internal reset state-machine is in this state for
approximately 10 ns immediately before the part wakes up after a reset, and in a 10 ns win-
dow when altering the system clock prescaler. The problem is most often seen during In-
System Programming of the device. There are theoretical possibilities of this happening also
in run-mode. The following three cases can trigger the device to get stuck in a reset-state:
- Two succeeding resets are applied where the second reset occurs in the 10ns window
before the device is out of the reset-state caused by the first reset.
- A reset is applied in a 10 ns window while the system clock prescaler value is updated by
software.
- Leaving SPI-programming mode generates an internal reset signal that can trigger this
case.
The two first cases can occur during normal operating mode, while the last case occurs only
during programming of the device.
Problem Fix/Workaround
The first case can be avoided during run-mode by ensuring that only one reset source is
active. If an external reset push button is used, the reset start-up time should be selected
such that the reset line is fully debounced during the start-up time.
The second case can be avoided by not using the system clock prescaler.
The third case occurs during In-System programming only. It is most frequently seen when
using the internal RC at maximum frequency.
If the device gets stuck in the reset-state, turn power off, then on again to get the device out
of this state.
2.
Wrong values read after Erase Only operation
At supply voltages below 2.7 V, an EEPROM location that is erased by the Erase Only oper-
ation may read as programmed (0x00).
Problem Fix/Workaround
If it is necessary to read an EEPROM location after Erase Only, use an Atomic Write opera-
tion with 0xFF as data in order to erase a location. In any case, the Write Only operation can
be used as intended. Thus no special considerations are needed as long as the erased loca-
tion is not read before it is programmed.
3.
Watchdog Timer Interrupt disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com