Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA48 Datasheet(PDF) 358 Page - ATMEL Corporation

Part # ATMEGA48
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  374 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA48 Datasheet(HTML) 358 Page - ATMEL Corporation

Back Button ATMEGA48 Datasheet HTML 354Page - ATMEL Corporation ATMEGA48 Datasheet HTML 355Page - ATMEL Corporation ATMEGA48 Datasheet HTML 356Page - ATMEL Corporation ATMEGA48 Datasheet HTML 357Page - ATMEL Corporation ATMEGA48 Datasheet HTML 358Page - ATMEL Corporation ATMEGA48 Datasheet HTML 359Page - ATMEL Corporation ATMEGA48 Datasheet HTML 360Page - ATMEL Corporation ATMEGA48 Datasheet HTML 361Page - ATMEL Corporation ATMEGA48 Datasheet HTML 362Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 358 / 374 page
background image
358
2545J–AVR–12/06
ATmega48/88/168
If the watchdog timer interrupt flag is not cleared before a new timeout occurs, the watchdog
will be disabled, and the interrupt flag will automatically be cleared. This is only applicable in
interrupt only mode. If the Watchdog is configured to reset the device in the watchdog time-
out following an interrupt, the device works correctly.
Problem fix / Workaround
Make sure there is enough time to always service the first timeout event before a new
watchdog timeout occurs. This is done by selecting a long enough time-out period.
4.
Start-up time with Crystal Oscillator is higher than expected
The clock counting part of the start-up time is about 2 times higher than expected for all
start-up periods when running on an external Crystal. This applies only when waking up by
reset. Wake-up from power down is not affected. For most settings, the clock counting parts
is a small fraction of the overall start-up time, and thus, the problem can be ignored. The
exception is when using a very low frequency crystal like for instance a 32 kHz clock crystal.
Problem fix / Workaround
No known workaround.
5.
High Power Consumption in Power-down with External Clock
The power consumption in power down with an active external clock is about 10 times
higher than when using internal RC or external oscillators.
Problem fix / Workaround
Stop the external clock when the device is in power down.
6.
Asynchronous Oscillator does not stop in Power-down
The Asynchronous oscillator does not stop when entering power down mode. This leads to
higher power consumption than expected.
Problem fix / Workaround
Manually disable the asynchronous timer before entering power down.
7.
Interrupts may be lost when writing the timer registers in the asynchronous timer
If one of the timer registers which is synchronized to the asynchronous timer2 clock is writ-
ten in the cycle before an overflow interrupt occurs, the interrupt may be lost.
Problem Fix/Workaround
Always check that the Timer2 Timer/Counter register, TCNT2, does not have the value 0xFF
before writing the Timer2 Control Register, TCCR2, or Output Compare Register, OCR2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com