Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA48 Datasheet(PDF) 364 Page - ATMEL Corporation

Part # ATMEGA48
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  374 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA48 Datasheet(HTML) 364 Page - ATMEL Corporation

Back Button ATMEGA48 Datasheet HTML 360Page - ATMEL Corporation ATMEGA48 Datasheet HTML 361Page - ATMEL Corporation ATMEGA48 Datasheet HTML 362Page - ATMEL Corporation ATMEGA48 Datasheet HTML 363Page - ATMEL Corporation ATMEGA48 Datasheet HTML 364Page - ATMEL Corporation ATMEGA48 Datasheet HTML 365Page - ATMEL Corporation ATMEGA48 Datasheet HTML 366Page - ATMEL Corporation ATMEGA48 Datasheet HTML 367Page - ATMEL Corporation ATMEGA48 Datasheet HTML 368Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 364 / 374 page
background image
364
2545J–AVR–12/06
ATmega48/88/168
34.4
Rev. 2545G-06/06
34.5
Rev. 2545F-05/05
34.6
Rev. 2545E-02/05
1.
Added Addresses in Registers.
2.
Updated ”Calibrated Internal RC Oscillator” on page 33.
3.
Updated Table 7-12 on page 35, Table 8-1 on page 39, Table 9-1 on page 54, Table
12-3 on page 78.
4.
Updated ”ADC Noise Reduction Mode” on page 40.
5.
Updated note for Table 8-2 on page 43.
6.
Updatad ”Bit 2 - PRSPI: Power Reduction Serial Peripheral Interface” on page 44.
7.
Updated ”TCCR0B – Timer/Counter Control Register B” on page 104.
8.
Updated ”Fast PWM Mode” on page 121.
9.
Updated ”Asynchronous Operation of Timer/Counter2” on page 151.
10.
Updated ”SPI – Serial Peripheral Interface” on page 161.
11.
Updated ”UCSRnA – USART MSPIM Control and Status Register n A” on page 206.
12.
Updated note in ”Bit Rate Generator Unit” on page 216.
13.
Updated ”Bit 6 – ACBG: Analog Comparator Bandgap Select” on page 242.
14.
Updated Features in ”Analog-to-Digital Converter” on page 244.
15.
Updated ”Prescaling and Conversion Timing” on page 247.
16.
Updated ”Limitations of debugWIRE” on page 261.
17
Added Table 27-1 on page 306.
18.
Updated Figure 14-7 on page 122, Figure 28-44 on page 338.
19.
Updated rev. A in ”Errata ATmega48” on page 356.
20.
Added rev. C and D in ”Errata ATmega48” on page 356.
1.
Added Section 3. ”Resources” on page 7
2.
Update Section 7.6 ”Calibrated Internal RC Oscillator” on page 33.
3.
Updated Section 26.8.3 ”Serial Programming Instruction set” on page 300.
4.
Table notes in Section 27.2 ”DC Characteristics ATmega48/88/168*” on page 303
updated.
5.
Updated Section 33. ”Errata” on page 356.
1.
MLF-package alternative changed to “Quad Flat No-Lead/Micro Lead Frame Package
QFN/MLF”.
2.
Updated ”EECR – The EEPROM Control Register” on page 22.
3.
Updated ”Calibrated Internal RC Oscillator” on page 33.
4.
Updated ”External Clock” on page 35.
5.
Updated Table 27-3 on page 307, Table 27-6 on page 309, Table 27-2 on page
306and Table 26-16 on page 300
6.
Added ”Pin Change Interrupt Timing” on page 66
7.
Updated ”8-bit Timer/Counter Block Diagram” on page 90.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com