Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA48 Datasheet(PDF) 365 Page - ATMEL Corporation

Part # ATMEGA48
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  374 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA48 Datasheet(HTML) 365 Page - ATMEL Corporation

Back Button ATMEGA48 Datasheet HTML 361Page - ATMEL Corporation ATMEGA48 Datasheet HTML 362Page - ATMEL Corporation ATMEGA48 Datasheet HTML 363Page - ATMEL Corporation ATMEGA48 Datasheet HTML 364Page - ATMEL Corporation ATMEGA48 Datasheet HTML 365Page - ATMEL Corporation ATMEGA48 Datasheet HTML 366Page - ATMEL Corporation ATMEGA48 Datasheet HTML 367Page - ATMEL Corporation ATMEGA48 Datasheet HTML 368Page - ATMEL Corporation ATMEGA48 Datasheet HTML 369Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 365 / 374 page
background image
365
2545J–AVR–12/06
ATmega48/88/168
34.7
Rev. 2545D-07/04
34.8
Rev. 2545C-04/04
34.9
Rev. 2545B-01/04
8.
Updated ”SPMCSR – Store Program Memory Control and Status Register” on page
267.
9.
Updated ”Enter Programming Mode” on page 291.
10.
Updated ”DC Characteristics ATmega48/88/168*” on page 303.
11.
Updated ”Ordering Information” on page 349.
12.
Updated ”Errata ATmega88” on page 359 and ”Errata ATmega168” on page 360.
1.
Updated instructions used with WDTCSR in relevant code examples.
2.
Updated Table 7-5 on page 31, Table 27-4 on page 307, Table 25-9 on page 282,
and Table 25-11 on page 283.
3.
Updated ”System Clock Prescaler” on page 36.
4.
Moved “TIMSK2 – Timer/Counter2 Interrupt Mask Register” and
“TIFR2 – Timer/Counter2 Interrupt Flag Register” to
”Register Description” on page 153.
5.
Updated cross-reference in ”Electrical Interconnection” on page 210.
6.
Updated equation in ”Bit Rate Generator Unit” on page 216.
7.
Added ”Page Size” on page 289.
8.
Updated ”Serial Programming Algorithm” on page 299.
9.
Updated Ordering Information for ”ATmega168” on page 351.
10.
Updated ”Errata ATmega88” on page 359 and ”Errata ATmega168” on page 360.
11.
Updated equation in ”Bit Rate Generator Unit” on page 216.
1.
Speed Grades changed: 12MHz to 10MHz and 24MHz to 20MHz
2.
Updated ”Speed Grades” on page 305.
3.
Updated ”Ordering Information” on page 349.
4.
Updated ”Errata ATmega88” on page 359.
1.
Added PDIP to “I/O and Packages”, updated “Speed Grade” and Power Consumption
Estimates in 34.”Features” on page 1.
2.
Updated ”Stack Pointer” on page 13 with RAMEND as recommended Stack Pointer
value.
3.
Added section ”Power Reduction Register” on page 41 and a note regarding the use
of the PRR bits to 2-wire, Timer/Counters, USART, Analog Comparator and ADC
sections.
4.
Updated ”Watchdog Timer” on page 49.
5.
Updated Figure 14-2 on page 130 and Table 14-3 on page 131.
6.
Extra Compare Match Interrupt OCF2B added to features in section ”8-bit
Timer/Counter2 with PWM and Asynchronous Operation” on page 140



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com